Electronic Components Datasheet Search
  English  ▼

X  

MB3892PFF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB3892PFF
Description  Power Management IC for Mobile Phone
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB3892PFF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB3892PFF Datasheet HTML 17Page - fujitsu semiconductor MB3892PFF Datasheet HTML 18Page - fujitsu semiconductor MB3892PFF Datasheet HTML 19Page - fujitsu semiconductor MB3892PFF Datasheet HTML 20Page - fujitsu semiconductor MB3892PFF Datasheet HTML 21Page - fujitsu semiconductor MB3892PFF Datasheet HTML 22Page - fujitsu semiconductor MB3892PFF Datasheet HTML 23Page - fujitsu semiconductor MB3892PFF Datasheet HTML 24Page - fujitsu semiconductor MB3892PFF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
MB3892
21
(Continued)
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
01
2
3
4
5
6
Ta
= +25 °C
OUT3
= 2.2 µF
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
01
23
45
6
Ta
= +25 °C
BATTOUT
= 10 µF
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
12
3
4
5
6
Ta
= +25 °C
RFOUT1
= 2.2 µF
RFCTL1
= VB
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
12
3
4
5
6
Ta
= +25 °C
VB
= 3.6 V
RFOUT1
= 2.2 µF
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0123
4
5
Ta
= +25 °C
VREGOUT
= 10 µF
200
180
160
140
120
100
80
60
40
20
0
0123
4
5
Ta
= +25 °C
VREGOUT
= 10 µF
Output voltage vs. power supply voltage (BBREG3)
Output voltage vs. power supply voltage (BATTREG)
Power supply voltage VB (V)
Power supply voltage VB (V)
Output voltage vs. power supply voltage (RFREG1)
Power supply voltage VB (V)
Output voltage vs. control voltage (RFREG1)
Control voltage VRFCTL1 (V)
Output voltage vs. input voltage (Variable REG)
Input voltage VIN (V)
Input current vs. input voltage (Variable REG)
Input voltage VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com