Electronic Components Datasheet Search
  English  ▼

X  

SC4626 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC4626
Description  2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4626 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC4626 Datasheet HTML 14Page - Semtech Corporation SC4626 Datasheet HTML 15Page - Semtech Corporation SC4626 Datasheet HTML 16Page - Semtech Corporation SC4626 Datasheet HTML 17Page - Semtech Corporation SC4626 Datasheet HTML 18Page - Semtech Corporation SC4626 Datasheet HTML 19Page - Semtech Corporation SC4626 Datasheet HTML 20Page - Semtech Corporation SC4626 Datasheet HTML 21Page - Semtech Corporation SC4626 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.semtech.com
© 2009 Semtech Corp.
18
SC4626
Applications Information (continued)
The SC4626 is compatible with small shielded chip
inductors for low cost, low profile applications. The
inductance roll off characteristic of chip inductor is worse
resulting in high ripple current and increased output
voltage ripple at heavy load operation. SC4626 has OCP
peak inductor current threshold of 1.5A minimum, to
support 1A DC load current, the inductor ripple current at
1A DC load current needs to be less than 1A.
Final inductor selection depends on various design
considerations such as efficiency, EMI, size, and cost.
Table 2a and 2b list the manufacturers of recommended
inductor and output capacitors options. Chip inductors
provide smaller footprint and height with lower efficiency
and increased output voltage ripple. Transient load
performance is equivalent to wire wound inductors.
Figure 3 shows the typical efficiency curves for different
inductors.
Efficiency
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
VIN= 5.0V
VOUT= 3.3V
TA=25°C
L=1071AS-1R0N (33m
_typ)
L=1071AS-2R2N (50m
_typ)
L=LQM2HP1R0MG0 (55m
_typ)
L=MDT2520-CR1R0M (60m
_typ)
Figure 3 — Typical efficiency curves
(V
IN=5.0V, VOUT=3.3V)
C
OUT Selection
The internal voltage loop compensation in the SC4626
limits the minimum output capacitor value to 10µF if
using the inductor of 2.2µH. This is due to its influence
on the the loop crossover frequency, phase margin, and
gain margin. Increasing the output capacitor above this
minimum value will reduce the crossover frequency and
provide greater phase margin. A total output capacintance
should not exceed 30uF to avoid any start-up problems.
For most typical applications, it is recommended to use
output capacitance of 10uF to 22uF. When choosing
output capacitor’s capacitance, verify the voltage derating
effect from the capacitor vendors data sheet.
Capacitors with X7R or X5R ceramic dielectric are recom-
mended for their low ESR and superior temperature and
voltage characteristics. Y5V capacitors should not be used
as their temperature coefficients make them unsuitable
for this application.
The output voltage droop due to a load transient is deter-
mined by the capacitance of the ceramic output capacitor.
The ceramic capacitor supplies the load current initially
until the loop responds. Within a few switching cycles the
loop will respond and the inductor current will increase to
match the required load. The output voltage droop during
the period prior to the loop responding can be related to
the choice of output capacitor by the relationship
OSC
DROOP
LOAD
OUT
f
V
I
C
⋅
∆
⋅
= 3
The outputcapacitorRMScurrentripplemaybecalculated
from the equation
(
)


⋅
⋅
−
⋅
=
IN
OSC
OUT
MAX
IN
OUT
RMS
COUT
V
f
L
V
V
V
I
)
(
)
(
3
2
1
Table 3 lists the manufacturers of recommended output
capacitor options.
C
IN Selection
The SC4626 source input current is a DC supply current
with a triangular ripple imposed on it. To prevent large
input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 4.7μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. To
estimate the required input capacitor, determine the
acceptable input ripple voltage and calculate the
minimum value required for C
IN from the equation
OSC
OUT
IN
OUT
IN
OUT
IN
f
ESR
I
V
V
V
V
V
C
⋅


−
∆


−
=
1
The input capacitor RMS ripple current varies with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com