Electronic Components Datasheet Search
  English  ▼

X  

PM0006 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # PM0006
Description  CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0006 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  PM0006 Datasheet HTML 1Page - Solid States Devices, Inc PM0006 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
PRELIMINARY
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
PACKAGE OUTLINE: ASPM
SDA441-01
Tolerances
(Unless specified):
.XX
.XXX
± .03
±.010
ELECTRICAL CHARACTERISTICS, @ TB = -40 TO +87oC
OUTPUT VOLTAGES
SYMBOL
MIN
MAX
UNIT
VCATH-COL
-2.55
kVolts
-2.45
VDRAIN
190
210
Volts
VCATFB
-4.75
-4.95
Volts
VCATH-GND
-4.95
kVolts
-4.75
VCATSEN
-4.50
-5.00
Volts
Cathode Feedback - GND (J1.1 - J1.2)
VIN = 260VPP nom, IIN = 8.6A max, f = 50kHz, RL = 10kΩ 1/
Cathode Sense - GND (J1.8 - J1.2)
VIN = 260VPP nom, IIN = 8.6A max, f = 50kHz, RL = 39kΩ 1/
Cathode - GND (E1 - E3)
VIN = 260VPP nom, IIN = 8.6A max, f = 50kHz, RL = 320kΩ 1/
Drain - GND (J1.5 - J1.2)
VIN = 260VPP nom, IIN = 8.6A max, f = 50kHz, RL = 13kΩ1/
Cathode - Collector (E1 - E2)
VIN = 260VPP nom, IIN = 8.6A max, f = 50kHz, RL = 6.95kΩ1/
1/ All output loads are applied at the same time.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com