Electronic Components Datasheet Search
  English  ▼

X  

PM0007 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0007
Description  CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0007 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0007 Datasheet HTML 1Page - Solid States Devices, Inc PM0007 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SPMC387-01
FEATURES:
DATA SHEET #:
50 WATT
RADIATION HARDENED
DC-DC POWER
CONVERTER
DESIGNER'S DATA SHEET
14005 Stage Road
*
Santa Fe Springs, Ca 90670
Phone: (562) 404-4474
*
Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
ASPM
• Application: Satelite Power Conversion Requiring Radiation
Hardening
• Conversion @ 1100 Hz; Control @ 600Hz
• 50 - 75 W Typical Power Processing Capability
• Input Filter, Short Circuit & Overvoltage Protection Included
• High Power Density Hermetic Design
• Low Profile and Low Weight
• Excelent Thermal Menagement
• EMI Shield and Low Noise Design
• TX, TXV, and S Level Screening Available
• Consult Factory for Different Voltages, Currents.
MAXIMUM RATINGS
INPUT VOLTAGE
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ELECTRICAL SCHEMATIC
80 - 105
Operating and Storage Temperature Range
-20 TO +125
TOP & TSTG
oC
VIN
OUTPUT VOLTAGE
Volts
+9.0
+5.2
+15
-15
V01
V02
V03
V04
Consult Factory for Detail Schematic and
Package Outline w/Dimensions
OUTPUT CURRENT
Amps
10
20
2
2
I01
I02
I03
I04
PM0007A


Similar Part No. - PM0007

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0007 SSDI-PM0007_15 Datasheet
39Kb / 2P
DC-DC POWER CONVERTER
More results

Similar Description - PM0007

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
VOLTAGE CONVERTER
logo
List of Unclassifed Man...
NMII-0232 ETC2-NMII-0232 Datasheet
285Kb / 2P
CONVERTER 2x2s
logo
CUI INC
UF224 CUI-UF224 Datasheet
488Kb / 4P
Converter Kit
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
BUS CONVERTER
logo
RFHIC
RFUR20-50B RFHIC-RFUR20-50B Datasheet
193Kb / 3P
WCDMA Converter
logo
Axiomtek Co., Ltd.
AX95601 AXIOMTEK-AX95601 Datasheet
130Kb / 1P
LVDS Converter
logo
PAIRUI GROUP INC.
DNV-40 PAIRUI-DNV-40 Datasheet
508Kb / 4P
DC Converter
BBH PAIRUI-BBH Datasheet
501Kb / 4P
DC Converter
logo
Solid States Devices, I...
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com