Electronic Components Datasheet Search
  English  ▼

X  

VOAM Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # VOAM
Description  VOA Module with Tap Monitor in SFP Form Factor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

VOAM Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  VOAM Datasheet HTML 1Page - OPLINK Communications Inc. VOAM Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Function Diagram
Features
Applications
Parameter
Specification
Unit
Operating Wavelength Range
C- or L-band
Insertion Loss [1]
≤ 2.5 (with tap monitor, typical 2.0)
≤ 1.5 (without tap monitor)
dB
Polarization Dependent Loss
(0dB attenuation)
≤ 0.3
dB
Return Loss
≥ 40
dB
VOA Dark/Bright Type
Bright or Dark
VOA Attenuation Dynamic Range
≥ 20
dB
Dark Type Blocking State IL
≥ 38
dB
Optical Power Handling
≤ 200
mW
Fiber Type for Input and Output Connection
SMF-28
Operating Temperature Range
- 5 to +65
°C
Dimensions
SFP (MSA)
Communication I/F
I2C
Performance Specificationns
Notes: [1] Include both input and output port connector
insertion losses, within operating temperate and wave-
length ranges.
VOATap Monitor
PowerAlarmI2C
MCU
PowerAlarmI2C
VOA
Tap Monitor
MCU
S0176 - R03. (web) 20121016
VOA Module with Tap Monitor in
SFP Form Factor
VOAM Series
Oplink’s Variable Optical Attenuator Module (VOAM) integrates a single chan-
nel VOA and tap monitor into MSA compliant compact SFP form factor and
provides I2C communication interface for easy system integration. Key features
include compact size, high levels of functional integration and simple network
application. The SFP VOAM is designed for key network optical power man-
agement.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
SFP Form Factor
Hot Pluggable
Optical Power Monitoring
Output Power Adjusting
I2C Communication Interface
Low Power Consumption
Optical Network Power Management


Similar Part No. - VOAM

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
VOAM-S0176 OPLINK-VOAM-S0176 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
More results

Similar Description - VOAM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Molex Electronics Ltd.
0759510999 MOLEX9-0759510999 Datasheet
109Kb / 2P
Small Form Factor Pluggable (SFP) Dust Plug
logo
OPLINK Communications I...
VOAM-S0176 OPLINK-VOAM-S0176 Datasheet
196Kb / 2P
VOA Module with Tap Monitor in SFP Form Factor
logo
List of Unclassifed Man...
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
Core processor module in compact 48-pin DIP form factor
NCS2-MINIPCIE01A ETC2-NCS2-MINIPCIE01A Datasheet
192Kb / 1P
Wi-Fi / 3G / 4G / LTE Module in NCS2 Form Factor
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
Small Form-Factor Pluggable (SFP) and zSFP
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
Small Form- Factor Pluggable (SFP) Seating
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Advantech Co., Ltd.
SFP-GMM-550 ADVANTECH-SFP-GMM-550 Datasheet
290Kb / 2P
Small Form-Factor Pluggable SFP. SFP and XFP Modules
22-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com