Electronic Components Datasheet Search
  English  ▼

X  

PM0018 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0018
Description  RECTIFIER POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0018 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0018 Datasheet HTML 1Page - Solid States Devices, Inc PM0018 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Radiation Tolerant Design
• High Current/High Voltage
• Avalanche Breakdown
• Proven Space Flight Heritage
• Compact and Rugged Construction Offering Weight and
Space Savings and Very Low Mechanical Stress
• Low Thermal Resistance: 0.45 oC/W
• Hermetic Sealed Discrete Elements
• TX, TXV, and S-Level Screening Available
• Parelene Coating or Epoxy Encapsulation Available
• Other Terminal Configuration Available. Consult Factory
SOLID STATE DEVICES, INC.
SPMR534
SERIES
FEATURES:
DATA SHEET #: PM0018A
60 A / 3000V
HIGH CURRENT/HIGH VOLTAGE
RECTIFIER POWER MODULE
DESIGNER'S DATA SHEET
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Miniature ASPM
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
MAXIMUM RATINGS
Peak Repetitive Reverse
and DC Blocking Voltage
Volts
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VRWM
VR
1800
2500
3000
Peak Surge Current
(Non-repetitive, t = 8.3 ms Pulse, TA = 25
oC)
Amps
225
IFSM
Storage Temperature Range
oC
TSTG
Thermal Resistance, Junction to Base
oC/W
θθθθθJB
-65 TO +175
Average Rectified Forward Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
IO
50
0.45
SPMR534- 18 UF T
Part Number /Ordering Information
Terminal: T = Turret
Speed:
S = Standard Recovery
F = Fast
UF = Ultra Fast
Voltage: 18 = 1800V
25 = 2500V
30 = 3000V
Available Part Numbers:
SPMR534-18ST, SPMR534-18FT, SPMR534-18UFT
SPMR534-25ST, SPMR534-25FT, SPMR534-25UFT
SPMR534-30ST, SPMR534-30FT, SPMR534-30UFT
Ultra Fast
1800
2500
3000
250
-65 TO +175
56
0.45
1800
2500
3000
300
-65 TO +175
60
0.45
Fast
Standard
Operating Temperature Range
oC
TOP
-65 TO +150
-65 TO +165
-65 TO +175
Actual Size


Similar Part No. - PM0018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
ST7 Flash programming
11-May-2007
logo
Solid States Devices, I...
PM0018 SSDI-PM0018_15 Datasheet
51Kb / 2P
RECTIFIER POWER MODULE
More results

Similar Description - PM0018

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTDF100H20 ADPOW-APTDF100H20 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF100H60 ADPOW-APTDF100H60 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF100H100 ADPOW-APTDF100H100 Datasheet
239Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF100H120 ADPOW-APTDF100H120 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H20 ADPOW-APTDF200H20 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H100 ADPOW-APTDF200H100 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
APTDF200H120 ADPOW-APTDF200H120 Datasheet
243Kb / 4P
Fast Diode Rectifier Bridge Power Module
logo
Microsemi Corporation
APTDR40X1601G MICROSEMI-APTDR40X1601G Datasheet
152Kb / 3P
3 Phase rectifier bridge Power Module
logo
Powersem GmbH
PSBI30 POWERSEM-PSBI30 Datasheet
127Kb / 2P
Rectifier Module for Power Factor Correction
logo
Solid States Devices, I...
PM0018 SSDI-PM0018_15 Datasheet
51Kb / 2P
RECTIFIER POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com