Electronic Components Datasheet Search
  English  ▼

X  

MB4053 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB4053
Description  6-Channel 8-BIT A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB4053 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB4053 Datasheet HTML 9Page - fujitsu semiconductor MB4053 Datasheet HTML 10Page - fujitsu semiconductor MB4053 Datasheet HTML 11Page - fujitsu semiconductor MB4053 Datasheet HTML 12Page - fujitsu semiconductor MB4053 Datasheet HTML 13Page - fujitsu semiconductor MB4053 Datasheet HTML 14Page - fujitsu semiconductor MB4053 Datasheet HTML 15Page - fujitsu semiconductor MB4053 Datasheet HTML 16Page - fujitsu semiconductor MB4053 Datasheet HTML 17Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
MB4053
s USAGE PRECAUTIONS
1. Shince the impedance of the ramp capacitor pin is approximately 30 M
Ω (high), a resistance must not be con-
nected in paralleled with this input. A ramp capacitor with no leakage must be used.
2. At VIN = 0 V, tR has a finite value.
3. Since RAMP STOP is an open collector output, an external pull-up resistor is required. (For example, when a
20 k
Ω external pull-up resistor is used.)
4. All digital inputs/output are TTL compatible.
5. The time from RAMP START input switching (0
→1) to RAMP STOP output switching (1 → 0) is ramp time tR.
6. tSL
≥ tA (max) =
× (VREF + 0.7 V)
7. tR
× VIN, tR (max)
× VREF
8. IR =
9. 2 V
≤ VREF ≤ (VCC – 2 V) and VREF ≤ 5.25 V
10.While and analog input voltage is being sampled, channel selection signals A0, A1, and A2 must not be
changed for (tSL).
11.When IR is little, Linearity Error extends. However, Linearity Error is
±0.2 [% of FSR] or less in IR (min) = 12 µA.
CH
150
µA –1R
.
.
=
CH
IR
.
.
= C
H
1R
VCC – VREF
RREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com