Electronic Components Datasheet Search
  English  ▼

X  

PM0020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0020
Description  ULTRA FAST SWITCHING DEVICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0020 Datasheet HTML 1Page - Solid States Devices, Inc PM0020 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Power Dissipation 1 kW @ 25oC Case
• Extremely Large SOA
• Ultra Fast Switching, ts = 100 ns typical
(Outperforms IGBT)
• OFHC Copper Package
• Ideal for Motor Control/Power Systems
• Extremely Low RθJC: 0.1oC/W
• Can Be Driven From Low Level Logic
• Higher Current and Voltages Available. Consult
Factory
• Alternate Packages Available. Consult Factory.
• TX, TX-V, and S-Level Screening Available.
Consult Factory.
SHA489
IGBT REPLACEMENT
ULTRA FAST SWITCHING DEVICE
200 Amps
250 Volts
1000 Watts
MAXIMUM RATINGS
Symbol
Value
Units
Output Voltage (Collector – Emitter)
V3-1
250
V
Out/In Isolation (Collector – Gate)
V3-2
250
V
Input Voltage (Gate – Emitter)
V2-1
±20
V
Current Sink Capabilities (peak)
I3
200
A
Input Current (transistor switched off)*
I2
-5
A
Total Device Power Dissipation @ TC = 25ºC
Derate above 75ºC
PD
1000
8
W
W/ºC
Storage Temperature
Tstg
-55 to +150oC
ºC
THERMAL CHARACTERISTICS
Symbol
Value
Units
Thermal Resistance
(Junction – Case) Power Section
RθJC
0.1
ºC/W
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Units
Output Breakdown (Collector – Emitter)
(I3 = 10 mA, V2-1 = -4 V)
BV3-1
250
––
Volts
Out/In Isolation (Collector – Gate)
(I3 = 300 µA, I1 = 0 V)
BV3-2
250
––
Volts
Input Breakdown Voltage
(I1 = -100 µA, I3 = 0 V)
(I1 = 100 µA, I3 = 0 V)
BV2-1
19
-8
22
––
Volts
Output Leakage Current
(V2-1 = -4 V, V3-1 ≤ 250 V)
I3
––
5
mA
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0020A
DOC


Similar Part No. - PM0020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM0020 STMICROELECTRONICS-PM0020 Datasheet
566Kb / 87P
STR91xFA Flash programming manual
16-Apr-2008
logo
Solid States Devices, I...
PM0020 SSDI-PM0020_15 Datasheet
173Kb / 2P
ULTRA FAST SWITCHING DEVICE
More results

Similar Description - PM0020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0020 SSDI-PM0020_15 Datasheet
173Kb / 2P
ULTRA FAST SWITCHING DEVICE
logo
Vincotech
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
Ultra fast switching frequency
logo
Sangdest Microelectroni...
SDURF30100CT SMC-SDURF30100CT Datasheet
171Kb / 4P
Ultra-Fast Switching
logo
Littelfuse
DUR2030CT LITTELFUSE-DUR2030CT Datasheet
603Kb / 3P
Ultra-fast switching
DUR3060CT LITTELFUSE-DUR3060CT Datasheet
571Kb / 3P
Ultra-fast switching
DUR6030WT LITTELFUSE-DUR6030WT Datasheet
552Kb / 3P
Ultra-fast switching
DUR6060W LITTELFUSE-DUR6060W Datasheet
638Kb / 3P
Ultra-fast switching
DUR75120W LITTELFUSE-DUR75120W Datasheet
600Kb / 3P
Ultra-fast switching
DURB1640CT LITTELFUSE-DURB1640CT Datasheet
431Kb / 3P
Ultra-fast switching
DURB2020CT LITTELFUSE-DURB2020CT Datasheet
441Kb / 3P
Ultra-fast switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com