Electronic Components Datasheet Search
  English  ▼

X  

PM0022 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0022
Description  DIODE BRIDGE ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0022 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0022 Datasheet HTML 1Page - Solid States Devices, Inc PM0022 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
•
100kHz Operation
•
Airborne Application up to 50,000 ft
•
High Efficiency
•
Low EMI / Corona Discharge
•
Thermally Conductive Aluminum Base Plate
•
Helicoil Mounting Inserts
• ESS Screening Available. Consult Factory.
• Exterior Surfaces Sandblasted to Promote Adhesion of
Encapsulation in Subsequent Assembly
SPA548-01
HIGH VOLTAGE
DIODE BRIDGE ASSEMBLY
5.5 kV / 2A
MAXIMUM RATINGS (Per Leg, Unless Otherwise Specified)
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRRM
VR
2,000
Volts
Half Wave Rectified Forward Current
Averaged Over Fully Cycle
(Resistive Load, 60 Hz, Sine Wave, TC =25
oC)
IO
2.0
Amps
Peak Surge Current
(TC =55
oC, 8.3 ms Pulse, Superimposed on Rated Current at Rated Voltage)
IFSM
20
Amps
Maximum Individual Partial Discharge
(V = 8kV, t = 1min, All Terminals in Common to Base)
10
pC
Maximum Dielectric Voltage
VDIEL
8,000
Volts
Operating Temperature Range (Base plate)
TOP BASE
-45 to +100
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Maximum Thermal Resistance (Per Diode)
Junction to Case
RθJC
15
ºC/W
Electrical Schematic
E14
E13
E12
E11
E10
E9
E8
E7
E5 E3
E2
E1
NOTE: All specifications are subject to change without notification.
SCD’s for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0022B
DOC


Similar Part No. - PM0022

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0022 SSDI-PM0022_15 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
More results

Similar Description - PM0022

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA547-01 SSDI-SPA547-01 Datasheet
44Kb / 2P
HYPERFAST HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 10.5 kV / 1.5A
SPA548-01 SSDI-SPA548-01 Datasheet
48Kb / 2P
HIGH VOLTAGE DIODE BRIDGE ASSEMBLY 5.5 kV / 2A
PM0021 SSDI-PM0021 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
RA0042C SSDI-RA0042C Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0108A SSDI-RA0108A Datasheet
84Kb / 2P
Bridge Assembly
RA0042C SSDI-RA0042C_15 Datasheet
153Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
PM0021 SSDI-PM0021_15 Datasheet
45Kb / 2P
DIODE BRIDGE ASSEMBLY
PM0022 SSDI-PM0022_15 Datasheet
48Kb / 2P
DIODE BRIDGE ASSEMBLY
RA0005C SSDI-RA0005C_15 Datasheet
116Kb / 2P
BRIDGE RECTIFIER ASSEMBLY
RA0108A SSDI-RA0108A_15 Datasheet
84Kb / 2P
Bridge Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com