Electronic Components Datasheet Search
  English  ▼

X  

PM0028A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0028A
Description  HALF BRIDGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0028A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0028A Datasheet HTML 1Page - Solid States Devices, Inc PM0028A Datasheet HTML 2Page - Solid States Devices, Inc PM0028A Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0028A
DOC
SPMQ613-02
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
600V, 400A FAST SWITCHING IGBT
HALF BRIDGE
Designer’s Data Sheet
FEATURES:
•
Hermetic construction, electrically isolated from the
heatsinking baseplate
•
Fast switching
•
dual IGBT die with ultrafast freewheeling diode
•
Low switching and conduction losses
•
TX, TXV, and Space Level Screening Available
Part Number/Ordering Information
1/
SPMQ613-02 __
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
MAXIMUM RATINGS
3/
SYMBOL
VALUE
UNIT
Collector – Emitter Breakdown Voltage
VCES
600
V
Gate – Emitter Voltage
VGES
±20
V
Max. Continuous Collector Current
@ TC = 25ºC
@ TC = 90ºC
IC1
IC2
400
200
A
Pulsed Collector Current
ICM
600
A
Clamped Inductive Load Current (TJ = 125ºC)
ILM
200
A
Reverse Voltage Avalanche Energy (IC = 100A)
EARV
10
mJ
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance (Junction to Case)
Per switch
R0JC
0.25
ºC/W
Total Device Dissipation @ TC = 25ºC
Dissipation Derating From @ TC = 25ºC to TC = 150ºC
PD1
PD2
500
1
W
W/ºC
Notes:
1/ For ordering information, price, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.


Similar Part No. - PM0028A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
HALF BRIDGE
More results

Similar Description - PM0028A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
HALF BRIDGE
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
HALF BRIDGE
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com