Electronic Components Datasheet Search
  English  ▼

X  

SM30T19AY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM30T19AY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T19AY Datasheet(HTML) 3 Page - STMicroelectronics

  SM30T19AY Datasheet HTML 1Page - STMicroelectronics SM30T19AY Datasheet HTML 2Page - STMicroelectronics SM30T19AY Datasheet HTML 3Page - STMicroelectronics SM30T19AY Datasheet HTML 4Page - STMicroelectronics SM30T19AY Datasheet HTML 5Page - STMicroelectronics SM30T19AY Datasheet HTML 6Page - STMicroelectronics SM30T19AY Datasheet HTML 7Page - STMicroelectronics SM30T19AY Datasheet HTML 8Page - STMicroelectronics SM30T19AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID022065 Rev 3
3/12
SM30TY
Characteristics
12
Table 2. Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max
at VRM
VBR at IR
(1)
VCL at IPP
10/1000 µs
RD
10/1000 µs
VCL at IPP
8/20 µs
RD
8/20 µs
⍺ T (2)
min
typ
max
max
max
max
µA
V
V
mA
V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/ °C
SM30T15AY/CAY
0.2
13
14.4 15.2
16
1
21.5
140
0.045
25
930
0.011
8.4
SM30T18AY/CAY
0.2
15
16.7 17.6 18.5
1
24.4 123.0
0.055
30.0
910
0.014
8.8
SM30T19AY/CAY
0.2
16
17.8 18.7 19.6
1
26.0 115.4
0.063
31.5
870
0.015
8.8
SM30T21AY/CAY
0.2
18
20
21.1 22.2
1
29.2 102.7
0.079
35.0
790
0.018
9.2
SM30T23AY/CAY
0.2
20
22.2 23.4 24.6
1
32.4
92.6
0.097
37.5
730
0.019
9.4
SM30T26AY/CAY
0.2
22
24.4 25.7 27.0
1
35.5
84.5
0.116
40.5
680
0.022
9.6
SM30T28AY/CAY
0.2
24
26.7 28.1 29.5
1
38.9
77.1
0.140
43.9
630
0.025
9.6
SM30T30AY/CAY
0.2
26
28.9 30.4 31.9
1
42.1
71.3
0.164
47.0
600
0.028
9.7
SM30T33AY/CAY
0.2
28
31.1 32.7 34.3
1
45.4
66.1
0.192
50.0
560
0.031
9.8
SM30T35AY/CAY
0.2
30
33.3 35.1 36.9
1
48.4
62.0
0.215
53.0
530
0.034
9.9
SM30T39AY/CAY
0.2
33
36.7 38.6 40.5
1
53.3
56.3
0.261
58.0
490
0.040
10
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at other surge level, use the following formula: VCLmax = VCL - RD x (IPP - IPPappli)
where IPPappli is the surge current in the application
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR at TJ = VBR at 25 °C x (1 + T x (TJ - 25))
VCL at TJ = VCL at 25 °C x (1 + T x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com