Electronic Components Datasheet Search
  English  ▼

X  

SM30T21AY Datasheet(PDF) 7 Page - STMicroelectronics

Part # SM30T21AY
Description  Automotive 3000 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30T21AY Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SM30T21AY Datasheet HTML 3Page - STMicroelectronics SM30T21AY Datasheet HTML 4Page - STMicroelectronics SM30T21AY Datasheet HTML 5Page - STMicroelectronics SM30T21AY Datasheet HTML 6Page - STMicroelectronics SM30T21AY Datasheet HTML 7Page - STMicroelectronics SM30T21AY Datasheet HTML 8Page - STMicroelectronics SM30T21AY Datasheet HTML 9Page - STMicroelectronics SM30T21AY Datasheet HTML 10Page - STMicroelectronics SM30T21AY Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID022065 Rev 3
7/12
SM30TY
Characteristics
12
Figure 14. ISO7637-2 pulse 3a response (VS = -150 V)
Figure 15. ISO7637-2 pulse 3b response (VS = 100 V)
Note:
ISO7637-2 pulses responses are not applicable for product with a stand off voltage lower
than the average battery voltage (13.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com