Electronic Components Datasheet Search
  English  ▼

X  

RA0011B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0011B
Description  SINGLE PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0011B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0011B Datasheet HTML 1Page - Solid States Devices, Inc RA0011B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0011B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA304 __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
│
│
│
│
│
│
│
└
Peak Inverse Voltage
A = 50V, B = 100V, C = 200V, D = 400V
E = 600V, F = 800V, and G = 1,000V.
SDA304A thru SDA304G
10 AMP
50 to 1,000 VOLT
STANDARD RECOVERY
SINGLE PHASE BRIDGE
FEATURES:
•
PIV 50 to 1,000 Volts
•
Average Output 10A
•
Reverse Recovery 5
μsec Max
•
Avalanche Breakdown
•
Small Size
•
Hermetically Sealed Rectifier
•
Easy PC Mounting
•
Maximum Thermal Resistance 5.0°C/W
•
-55 to +150°C Operating and Storage Temperature
•
Also Available in Fast, Ultra Fast, and Hyper Fast
Versions – Contact Factory
•
TX and TXV Screening Available
NOTES:
1/ For Ordering Information, Price, Operating Curves and Availability-
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Maximum forward voltage measured with instantaneous forward
pulse of 300
μsec minimum.
SDA304 Package
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak Inverse
Voltage
(per leg)
Average Rectified
Current
Maximum Surge
Current (1
Cycle)
Maximum Forward
Voltage
(per leg)
Maximum Reverse
Current
(@ PIV)
Symbol
PIV
IO
IFSM
VF
4/
IR
Units
Volts
Amps
Amps
Volts
μA
Conditions
25OC
85oC
25OC
IF=9A, TA=25
OC
25oC
100oC
SDA304A
50
10
75
1.15
5
100
SDA304B
100
10
75
1.15
5
100
SDA304C
200
10
75
1.15
5
100
SDA304D
400
10
75
1.15
5
100
SDA304E
600
10
75
1.15
5
100
SDA304F
800
10
75
1.15
5
100
SDA304G
1000
10
75
1.15
5
100


Similar Part No. - RA0011B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0011B SSDI-RA0011B_15 Datasheet
108Kb / 2P
STANDARD RECOVERY SINGLE PHASE BRIDGE
More results

Similar Description - RA0011B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com