Electronic Components Datasheet Search
  English  ▼

X  

RA0018 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0018
Description  THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0018 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0018 Datasheet HTML 1Page - Solid States Devices, Inc RA0018 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
33A / 600 - 1000V
THREE PHASE BRIDGE
RECTIFIER
ASSEMBLY
SDA167HC
Series
• Up to 1000 V Blocking Voltage
• Average Output Current 33 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Case
• TX and TXV Level Screening Available
• Standard and Fast Recovery Versions Available. Consult
Factory.
1.30
Maximum Ratings
SYMBOL
UNITS
VALUE
33
Amps
Io
Average Rectified Forward Current 1/, 2/
(Resistive load, 60Hz, Sine Wave, TC = 55oC)
250
Amps
IFSM
Peak Surge Current 1/
(8.3 ms Pulse, Half Sine Wave, TA = 25oC)
Maximum Thermal Resistance 1/
Junction to Case
0.85
oC/W
2JC
oC
-65 TO +150
175
TOP & Tstg
TJ
Operating and Storage Temperature
Maximum Junction Temperature
600
800
1000
Volts
VRRM
VRWM
VR
Peak Repetitive Reverse and
DC Blocking Voltage
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0018B
SDA167HCEUF
SDA167HCFUF
SDA167HCGUF
SDA167
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SDA167H C E UF-
.
Part Number /Ordering Information
Terminal: 3/_ = Lug
T = Turret
Finish:
_ = Anodized Case
N = Ni Plated Case
Voltage: E = 600V
F = 800V
G = 1000V
Polarity: C = Normal
R = Reverse
Available Part Numbers: 4/
SDA167HCEUF, SDA167HCEUFT
SDA167HCFUF, SDA167HCFUFT
SDA167HCGUF, SDA167HCGUFT
SDA167HREUF, SDA167HREUFT
SDA167HRFUF, SDA167HRFUFT
SDA167HRGUF, SDA167HRGUFT


Similar Part No. - RA0018

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - RA0018

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0106A SSDI-RA0106A_15 Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com