Electronic Components Datasheet Search
  English  ▼

X  

DV2003S2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DV2003S2
Description  Fast Charge Development System Control of On-Board N-FET Switch-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DV2003S2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DV2003S2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 2Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 3Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 5Page - List of Unclassifed Manufacturers DV2003S2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Setup Procedure
1.
Configure DVEN, TM1, TM2, and number-of-cells
(NOC) jumpers.
2.
Connect the provided thermistor or a 10K
Ω resistor
between THERM and BAT–.
Note: RT1 and RT2 match the thermistor provided
and must be changed if a different thermistor type
is used (see Appendix A in the application note,
“Using the bq2003 to Control Fast Charge”).
3.
If using the discharge-before-charge option, connect
a current-limiting discharge load between
BAT+
and DSCHG.
4.
If using the INHIBIT function, connect a switch
across JP5 (IN to +V) or connect IN to the control-
ling signal source (3–5V).
5.
Attach the battery pack to BAT+ and BAT–. For
temperature control, the thermistor must contact
the cells.
6.
Attach DC current source to DC+ (+) and GND (–)
connections in JP6.
3
DV2003S2
Symbol
Description
Minimum
Typical
Maximum
Unit
Notes
IDC+
Maximum input current
-
-
6.0
A
VDC+
Maximum input voltage
2.0+VBAT+
or 8.0
-
30
V
VBAT+
BAT+ input voltage
-
-
30
V
VTHERM
THERM input voltage
0
-
5
V
VIN
Inhibit input signal
0
-
5
V
IDSCHG
Discharge load current
-
-
2
A
Recommended DC Operating Conditions
Closed Jumper
Number of Cells
R25
16
R24
14
R23
12
R22
10
R21
8
R20
6
R19
5
R18
4
R17
3
R16
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com