Electronic Components Datasheet Search
  English  ▼

X  

MB40C238 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C238
Description  30 MHz 8-bit A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C238 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C238 Datasheet HTML 1Page - fujitsu semiconductor MB40C238 Datasheet HTML 2Page - fujitsu semiconductor MB40C238 Datasheet HTML 3Page - fujitsu semiconductor MB40C238 Datasheet HTML 4Page - fujitsu semiconductor MB40C238 Datasheet HTML 5Page - fujitsu semiconductor MB40C238 Datasheet HTML 6Page - fujitsu semiconductor MB40C238 Datasheet HTML 7Page - fujitsu semiconductor MB40C238 Datasheet HTML 8Page - fujitsu semiconductor MB40C238 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MB40C238
s PIN DESCRIPTION
Note: The values in parentheses are standard.
Pin No.
Symbol
Description
5, 19, 22
AVDD
Analog power supply (+3.0 V)
17
DVDD
Digital power supply (+3.0 V)
1, 4, 7, 23
AVSS
Analog power supply ground pin (0 V)
8DVSS
Digital power supply ground pin (0 V)
9, 10, 11, 12,
13, 14, 15, 16
D7 to D0
Digital output pin (D7: MSB, D0: LSB)
18
CLK
Clock input pin
24
VINA
A/D converter analog input pin
Input range is VRB to VRT (0 to 1.5 V: standard)
21
VRTC
VRT voltage adjustment amp input pin (VRTC: 1.5 V is output when opened.)
20
VRT
Reference voltage output pin on top side.
The voltage fed to VRTC is output. (1.5 V: standard)
3VRB
Reference voltage input pin on bottom side (0 V: standard)
6CE
Input pin for toggling standby function.
Input high signal brings the ADC and reference voltage circuit.
2OE
Input pin for toggling output high impedance function.
Input high signal brings the ADC output high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com