Electronic Components Datasheet Search
  English  ▼

X  

MB40C318 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C318
Description  8-bit 140 MSPS A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C318 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C318 Datasheet HTML 1Page - fujitsu semiconductor MB40C318 Datasheet HTML 2Page - fujitsu semiconductor MB40C318 Datasheet HTML 3Page - fujitsu semiconductor MB40C318 Datasheet HTML 4Page - fujitsu semiconductor MB40C318 Datasheet HTML 5Page - fujitsu semiconductor MB40C318 Datasheet HTML 6Page - fujitsu semiconductor MB40C318 Datasheet HTML 7Page - fujitsu semiconductor MB40C318 Datasheet HTML 8Page - fujitsu semiconductor MB40C318 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MB40C318
s PIN DESCRIPTION
The values in parentheses are standard.
s PRECAUTIONS ON USE
• Be sure to ground the pins of AVDD, DVDD, DVDDI, VRT, VRB, VR1, VR2, and VR3 via high-frequency capacitor.
Place the high-frequency capacitor as close as possible to the pin.
• To avoid generation of undesired current owing to indetermination of internal logic, set CE to “H” at powering
on and input more than five clock pulses just after operation (CE: “H”
→ “L”).
Pin No.
Symbol
Description
3, 9, 13, 45
AVDD
Analog power supply (+3.3 V)
16, 43
DVDD
Digital power supply (+3.3 V)
27
DVDDI
Digital power supply for CLKEP/CLKEN (+5.0 V or +3.3 V)
4, 7, 12, 44
AVSS
Analog power supply ground pin (0 V)
18, 41
DVSS
Digital power supply ground pin (0 V)
33 to 40
DA7 to DA0
Digital output pin (Port A) DA7: MSB, DA0: LSB
19 to 26
DB7 to DB0
Digital output pin (Port B) DB7: MSB, DB0: LSB
11
CE
Power down at CE input “H” (internal pull-up resistor)
14
OE
Digital output (Both Port A, B) and clock output (CLKOA, CLKOB) are high
impedance at OE input “H”.
10
CKSEL
Mode of operation setting input pin (Refer to s MODE SETTING)
15
DSEL
28
RESET
Dividing circuit reset input pin (See s TIMING CHART 2, 3)
29
CLKEP
Differential clock (positive-phase) input pin (max 140 MHz)
PECL level
32
CLKEN
Differential clock (negative-phase) input pin (max 140 MHz)
31
CLKA
Two-phase clock (A ch) input pin (max 70 MHz)
CMOS level
30
CLKB
Two-phase clock (B ch) input pin (max 70 MHz)
42
CLKOA
Clock output pin (See s TIMING CHART 1 to 4)
17
CLKOB
Clock output pin (See s TIMING CHART 1 to 4)
8VINA
Analog input pin
Input range is VRT to VRB (0 V to 3.0 V: 2 Vp-p)
2
1
48
VR1
VR2
VR3
Reference 1/4 voltage output pin (Add 0.1
µF for AVSS)
Reference 1/2 voltage output pin (Add 0.1
µF for AVSS)
Reference 3/4 voltage output pin (Add 0.1
µF for AVSS)
46
VRT
Reference voltage input pin on top side
47
VREFT
Reference voltage output pin
By connecting to VRT, 0.9
× AVDD ( 3 V) is generated.
6VRB
Reference voltage input pin on bottom side
5VREFB
Reference voltage output pin
By connecting to VRB, 0.3
× AVDD ( 1 V) is generated.
.
.
=
.
.
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com