Electronic Components Datasheet Search
  English  ▼

X  

MB40C348V Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB40C348V
Description  3ch 8-bit 100 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C348V Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB40C348V Datasheet HTML 9Page - fujitsu semiconductor MB40C348V Datasheet HTML 10Page - fujitsu semiconductor MB40C348V Datasheet HTML 11Page - fujitsu semiconductor MB40C348V Datasheet HTML 12Page - fujitsu semiconductor MB40C348V Datasheet HTML 13Page - fujitsu semiconductor MB40C348V Datasheet HTML 14Page - fujitsu semiconductor MB40C348V Datasheet HTML 15Page - fujitsu semiconductor MB40C348V Datasheet HTML 16Page - fujitsu semiconductor MB40C348V Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MB40C348V
13
• Demultiplex Output (In-phase) Mode (Timing Diagram 2)
• ADIN input : Sampling at CLK rising (at CLKB falling)
•DA0 to DA7 : Output (after 6CLK
+ tpd(CLK−DATA2) from sampling) at CLK rising (at CLKB falling)
•DB0 to DB7 : Output (after 5CLK
+ tpd(CLK−DATA2) from sampling) at CLK rising (at CLKB falling)
tpd (HSYNC-CLK)
tpd (CLK-DSYNC)
tAD
tpd (CLK-ADCLK2)
tpd (CLK-DATA2)
N
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
N
N
+ 1
N
N
+ 2
N
+ 3
N
+ 2
N
+ 1N + 2N + 3N + 4N + 5N + 6N + 7N + 8N + 9
HSYNC input
CLKB output
CLK output
DSYNC output
ADCLKA output
ADCLKB output
ADIN input
DA0 to DA7 output
DB0 to DB7 output
OF output
VOLD
VOLD
VOLD
VOLD
VOLD
VOLD
VOLD
VOHD
VOHD
VOHD
VOHD
VOHD
VOHD
VOHD
VIHD
VILD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com