Electronic Components Datasheet Search
  English  ▼

X  

IRFF9233 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFF9233
Description  Avalanche-Energy-Rated P-Channel Power MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFF9233 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFF9233 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFF9233 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRFF9233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
-4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
February 1999
logo
International Rectifier
IRFF9230 IRF-IRFF9230 Datasheet
135Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
P-Channel MOSFET in a Hermetically sealed TO39
More results

Similar Description - IRFF9233

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
IRF530R HARRIS-IRF530R Datasheet
390Kb / 5P
N-Channel Power MOSFETs Avalanche Energy Rated
logo
List of Unclassifed Man...
IRF150R ETC2-IRF150R Datasheet
208Kb / 5P
AVALANCHE ENERGY RATED N-CHANNEL POWER MOSFETS
logo
IXYS Corporation
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
IRFF9130 NJSEMI-IRFF9130 Datasheet
687Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
IRF440R NJSEMI-IRF440R Datasheet
703Kb / 2P
Avalanche Energy Rated N-Channel Power MOSFETs
IRF240R NJSEMI-IRF240R Datasheet
168Kb / 2P
Avalanche Energy Rated N-Channel Power MOSFETs
IRF254 NJSEMI-IRF254 Datasheet
182Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
IRFP9240R NJSEMI-IRFP9240R Datasheet
178Kb / 2P
Avalanche-Energy-Rated P-Channel Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com