Electronic Components Datasheet Search
  English  ▼

X  

RA0026F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0026F
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0026F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0026F Datasheet HTML 1Page - Solid States Devices, Inc RA0026F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0026F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA669 Series
Electrical Characteristic 5/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 - 500 µsec pulse)
IF = 3A
IF = 9A
VF1
VF2
––
––
1.15
1.30
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µsec pulse minimum)
IR1
––
––
5
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µsec pulse minimum)
IR2
––
––
60
µA
Reverse Recovery Time
(TA = 25ºC, IF = 0.5A, IR = 1.0A, IRR = 0.25A)
tRR
––
250
325
nsec
CASE OUTLINE: SDA669 ( __ )
CASE OUTLINE: SDA669 (T)
Lead Bend Options3/
Available Part Numbers:
SDA669JF; SDA669JFT, SDA669RJF; SDA669RJFT, SDA669JFUB;
SDA669JFDB, SDA669RJFUB; SDA669RJFDB;
SDA669KF; SDA669KFT, SDA669RKF; SDA669RKFT, SDA669KFUB;
SDA669KFDB, SDA669RKFUB; SDA669RKFDB;
SDA669MF; SDA669MFT, SDA669RMF; SDA669RMFT, SDA669MFUB;
SDA669MFDB, SDA669RMFUB; SDA669RMFDB
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability - Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Up and Down Bend Configurations are Available for ‘__’ (Leaded) Packages Only.
Custom lead bend options available upon request.
4/ Derate Linearly at 0.316A/ºC for TC > 55ºC.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com