Electronic Components Datasheet Search
  English  ▼

X  

MB40C558 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB40C558
Description  A/D Converter (1-channel, 8-bit, 45MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C558 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB40C558 Datasheet HTML 1Page - fujitsu semiconductor MB40C558 Datasheet HTML 2Page - fujitsu semiconductor MB40C558 Datasheet HTML 3Page - fujitsu semiconductor MB40C558 Datasheet HTML 4Page - fujitsu semiconductor MB40C558 Datasheet HTML 5Page - fujitsu semiconductor MB40C558 Datasheet HTML 6Page - fujitsu semiconductor MB40C558 Datasheet HTML 7Page - fujitsu semiconductor MB40C558 Datasheet HTML 8Page - fujitsu semiconductor MB40C558 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
MB40C558
s PIN ASSIGNMENT
s PIN DESCRIPTION
Values within ( ) are typical values.
s NOTES ON USE
• Be sure to bypass the AVDD, DVDD, VRT and VRB pins to the ground using a high-frequency capacitor.
The high-frequency capacitor should be connected as near the pin as possible.
• Provide four clocks or more immediately after the power up to prevent current dissipation due to the
indeterminate internal logic.
Pin No.
Pin name
Functions
1, 2, 16, 18
AVDD
Analog power supply pins (+5 V)
13
DVDD
Digital power supply pin (+3 or +5 V)
3, 15, 17, 24
AVSS
Analog power ground pins (0 V)
12
DVSS
Digital power ground pin (0 V)
4 to 11
D1 to D8
Digital output pins. D1: MSB, D8: LSB
14
CLK
Clock input pin
21
VINA
Analog input pin. Input range: VRB to VRT (2 Vp-p between 0.5 to 3 V)
19
VRT
Reference voltage input pin (3 V)
20
VREFT
Reference voltage output pin. When connected to VRT, the pin generates
0.6
× AVDD (3 V).
23
VRB
Reference voltage input pin (1 V)
22
VREFB
Reference voltage output pin. When connected to VRB, the pin generates
0.2
× AVDD (1 V).
(FPT-24P-M01)
1
2
3
4
5
6
22
21
20
19
18
17
7
8
9
10
16
15
14
13
(TOP VIEW)
11
12
24
23
AVDD
AVDD
AVSS
(LSB) D8
D7
D6
D5
D4
D3
D2
(MSB) D1
DVSS
AVSS
VRB
VREFB
VINA
VREFT
VRT
AVDD
AVSS
AVDD
AVSS
CLK
DVDD
(FPT-24P-M03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com