Electronic Components Datasheet Search
  English  ▼

X  

RA0028 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0028
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0028 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0028 Datasheet HTML 1Page - Solid States Devices, Inc RA0028 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Average Output Current 2 Amps
• PIV 2500 to 15000 Volts
• Low Leakage Current
• Low Forward Voltage Drop
• Corona Free
• Superior Thermal Shock Resistance
• Available in Fast, Ultra Fast, and Hyper Fast
versions. Consult Factory.
SDAH2500 thru SDAH15000
2 AMPS
2500 ─ 15000 VOLTS
STANDARD RECOVERY
HIGH CURRENT - HIGH VOLTAGE
RECTIFIER
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1. Unless Otherwise Specified, All Electrical Characteristics @25ºC
2. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25
oC
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0028A
DOC
ELECTRICAL CHARACTERISTICS
Part Number
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC = Case Temp
Reverse
Recovery
Time
Peak
Recurrent
Forward
Current
Maximum
Forward
Voltage
(per leg)
Maximum
Reverse
Current
(per leg)
@ PIV
Case Size
Symbol
PIV
IF (AV)
trr
2/
IFRM
VF
IR
Units
Volts
Amps
µs
Amps
Volts
µA
INCHES
Conditions
50oC
100oC
25oC
IF = 1.0 A
25oC 100oC
A
B
C
SDAH2500
2500
2
1.2
5
150
3
1
75
1.5
.38
.69
SDAH5000
5000
2
1.2
5
150
6
1
75
2.5
.38
.69
SDAH7500
7500
2
1.2
5
150
8
1
75
3.5
.38
.69
SDAH10000
10000
2
1.2
5
150
11
1
75
4.5
.38
.69
SDAH12500
12500
2
1.2
5
150
13.5
1
75
5.5
.38
.69
SDAH15000
15000
2
1.2
5
150
16
1
75
6.5
.38
.69


Similar Part No. - RA0028

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0028 SSDI-RA0028_15 Datasheet
121Kb / 2P
HIGH CURRENT - HIGH VOLTAGE RECTIFIER
More results

Similar Description - RA0028

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com