Electronic Components Datasheet Search
  English  ▼

X  

RA0035 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0035
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0035 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0035 Datasheet HTML 1Page - Solid States Devices, Inc RA0035 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
Average Output Current 50 Amps
PIV 50 to 1000 Volts
Maximum Thermal Resistance 0.5 oC/Watt
500 Amp Surge Capability
Hermetically Sealed
Choice of Three Terminal Configurations
For Ordering Information, Price, and Availability Contact
Factory.
SSDI introduces a complete series of Doublers and Center Tap
Rectifier Circuits. Designed in cast aluminum cases to provide
maximum thermal conductivity and simple installation.
SDA188A – SDA188G
Series
50 AMPS
50 ─ 1000 VOLTS
RECTIFIER ASSEMBLY
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SDA188_A
SDA188_B
SDA188_C
SDA188_D
SDA188_E
SDA188_F
SDA188_G
VRRM
VRWM
VR
50
100
200
400
600
800
1000
Volts
Average DC Output Current
Tc = Case Temp =55oC
IO (DC)
See table
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA=25oC)
IFSM
500
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +150
oC
Maximum Thermal Resistance
Junction to Case
RθJC
0.5
ºC/W
Polarity and Terminal Orientation 4
*
Polarity C
AC
+
AC
Polarity A
AC
-
AC
Polarity D
+
AC
-
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0035B


Similar Part No. - RA0035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0035 SSDI-RA0035 Datasheet
152Kb / 2P
RECTIFIER ASSEMBLY
RA0035 SSDI-RA0035_15 Datasheet
152Kb / 2P
RECTIFIER ASSEMBLY
More results

Similar Description - RA0035

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com