Electronic Components Datasheet Search
  English  ▼

X  

MB40C568 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB40C568
Description  A/D Converter (1-channel, 8-bit, 20MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB40C568 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB40C568 Datasheet HTML 1Page - fujitsu semiconductor MB40C568 Datasheet HTML 2Page - fujitsu semiconductor MB40C568 Datasheet HTML 3Page - fujitsu semiconductor MB40C568 Datasheet HTML 4Page - fujitsu semiconductor MB40C568 Datasheet HTML 5Page - fujitsu semiconductor MB40C568 Datasheet HTML 6Page - fujitsu semiconductor MB40C568 Datasheet HTML 7Page - fujitsu semiconductor MB40C568 Datasheet HTML 8Page - fujitsu semiconductor MB40C568 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MB40C568
s ABSOLUTE MAXIMUM RATINGS (See WARNING)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: Recommended operating conditions are normal operating ranges for the semiconductor device. All
the device’s electrical characteristics are warranted when operated within these ranges.
Always use semiconductor devices within the recommended operating conditions. Operation outside
these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representative beforehand.
(Continued)
Parameter
Symbol
Rating
Unit
Min.
Max.
Power supply voltage
AVDD, DVDD
–0.3
7.0
V
Input voltage
CLK, VINA
VRT, VRB
–0.3
AVDD+0.3
V
Output voltage
D1 to D8
–0.3
DVDD+0.3
V
Storage temperature
Tstg
–55
+125
°C
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Analog input voltage
VINA
VRB
–VRT
V
Analog reference voltage: T
VRT
–
–
4.00
V
Analog reference voltage: B
VRB
0.50
–
–
V
Analog reference voltage range
VRT–VRB
1.90
2.00
2.10
V
Digital "H” level input voltage
VIHD
2.4
–
–
V
Digital “L” level input voltage
VILD
––
0.8
V
Digital input current
IID
––5
µA
Clock frequency
fCLK
0.1
–
20
MHz
Minimum “H” level clock pulse width
tw+
22.5
–
–
ns
Minimum “L” level clock pulse width
tw–
22.5
–
–
ns
Operating temperature range
Ta
–20
–
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com