Electronic Components Datasheet Search
  English  ▼

X  

RA0042C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0042C
Description  BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0042C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0042C Datasheet HTML 1Page - Solid States Devices, Inc RA0042C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 5/ (per leg)
Symbol
Min
Max
Unit
Peak Reverse Voltage
(IR = 100 A)
SDA167DUF
SDA167EUF
SDA167FUF
BVR
420
620
820
Volts
Instantaneous Forward Voltage Drop
(IF = 3 A, 300 - 500 s Pulse)
D, E
F
VF1
1.35
1.50
Volts
Reverse Leakage Current
(Rated VR, 300 s pulse minimum)
IR1
10
A
Reverse Leakage Current
(Rated VR, TA = 100
oC, 300 s pulse minimum)
IR2
750
A
Reverse Recovery Time
(IF = 0.5 A IR = 1.0 A IRR = 0.25 A)
trr
50
nsec
Insulation Resistance
(V = 1500 V)
RINS
100
MΩ
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ Rating Applies to the Total Bridge.
2/ Derating Linearly at 0.263 A/oC for TC > 55
oC.
3/ Package Outline: Document
Blade Terminal
70-0157-S167
Turret Terminal
70-0157-S167-1
4/ For Package Outline and Part Availability Contact Factory.
5/ All Electrical Characteristics @25ºC, Unless Otherwise Specified.
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA167UF
Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com