Electronic Components Datasheet Search
  English  ▼

X  

RA0046 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0046
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0046 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0046 Datasheet HTML 1Page - Solid States Devices, Inc RA0046 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDA116 __ __ __
¦
¦
¦
¦
¦
¦
¦
¦
+ Lead Bend
3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
¦
¦
¦
+
Terminals
2/ 3/
L = Copper Leads
_ = Turret Terminals
+ Voltage
J = 600 V
K = 800 V
M = 1000 V
SDA116 Series
25A / 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
ULTRA FAST – 70 ns
Features:
• Higher Blocking Voltage Available. Contact Factory.
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.875 x 0.310”)
• TX and TXV & S Level Screening Available
• Standard, Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA116J
SDA116K
SDA116M
VRRM
VRSM
VR
600
800
1000
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz Sine Wave)
TC = 55°C
Io
25
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
2.5
ºC/W
11
SDA116 ( L )
SDA116 (_)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0046A
DOC
Lead Dia = .050”
Lead Length = 0.5” min


Similar Part No. - RA0046

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0046 SSDI-RA0046 Datasheet
46Kb / 2P
RECTIFIER ASSEMBLY
RA0046 SSDI-RA0046_15 Datasheet
46Kb / 2P
RECTIFIER ASSEMBLY
More results

Similar Description - RA0046

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com