Electronic Components Datasheet Search
  English  ▼

X  

RA0047A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0047A
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0047A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0047A Datasheet HTML 1Page - Solid States Devices, Inc RA0047A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDA113 __ __ __
│
│
│
│
│
│
│
│
└ Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
│
│
│
└
Terminals 2/ 3/ L = Copper Leads
_ = Turret Terminals
└ Voltage A = 50 V
B = 100 V
C = 200 V
D = 400 V
E = 600 V
F = 800 V
G = 1000 V
SDA113 Series
7.5 A / 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• Higher Blocking Voltage Available. Contact Factory.
• High Output Current 7.5 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.875 x 0.310”)
• TX and TXV & S Level Screening Available
• Fast, Ultra Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
VR
See Voltage Key
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave)
TC = 55°C
TC = 100°C
Io
7.5
5.5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
50
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
4.5
ºC/W
SDA113 ( L )
SDA113
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0047A
DOC
Lead Dia = .050”
Lead Length = 0.5” min


Similar Part No. - RA0047A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
More results

Similar Description - RA0047A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0091 SSDI-RA0091 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com