Electronic Components Datasheet Search
  English  ▼

X  

RA0049 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0049
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0049 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0049 Datasheet HTML 1Page - Solid States Devices, Inc RA0049 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDA253F Series
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Peak Reverse Voltage
(IR = 100µA)
SDA253DF
SDA253EF
SDA253FF
BVR
420
620
820
––
––
––
––
––
––
Volts
Instantaneous Forward Voltage Drop
(IF = 18A, pulsed)
VF1
––
––
1.25
Volts
Reverse Leakage Current
(Rated VR, pulsed)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
––
––
––
10
150
µA
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA)
trr
––
––
250
ns
Capacitance
(VR = 10V, f = 1MHz)
C
––
––
120
pF
Insulation Resistance
(V = 1500V)
RISO
10
––
––
M
Ω
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ Derate Linearly at 0.416 A/ºC for TC > 55ºC.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
AVAILABLE PART NUMBERS:
1/
SDA253DF
SDA253EF
SDA253FF
Mounting Diagram:
2/
(Height = 0.750”)
#10-32 UNF
.230 MIN DEEP
2 PLACES
1.520
1.480
.520
.480
1.020
.980



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com