Electronic Components Datasheet Search
  English  ▼

X  

RA0050C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0050C
Description  CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0050C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0050C Datasheet HTML 1Page - Solid States Devices, Inc RA0050C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0050C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number/Ordering Information 1/
SDA280 ___
___
___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Configuration
C = Common Cathode
A = Common Anode
D = Doubler
│
│
│
│
│
│
│
│
│
└
Voltage
D = 400V
E = 600V
F = 800V
G = 1000V
SDA280D
THRU
SDA280G
15 AMPS / 400 – 1000 VOLTS
FAST RECOVERY
CENTERTAP RECTIFIER
Features:
• Average Output Current: 15 Amps
• PIV: 400 to 1000V
• Max Thermal Resistance 5.0 ºC/Watt
• Fast Recovery: 150 / 180 nsec
• Glass Passivated Rectifiers
• Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Common Cathode, Common Anode, and Doubler
Versions Available. Contact Factory for Part Number.
• Parts with Blade and Hook Terminals Available. Contact
Factory for Part Number.
• TX, TXV, and Space Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse
Voltage
SDA280D
SDA280E
SDA280F
SDA280G
VRRM
VRSM
VR
400
600
800
1000
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 hz Sine Wave, No Heatsink)
TA= 55ºC
TA= 100ºC
Io
15
10
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC, per leg)
IFSM
150
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
5.0
ºC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact
Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Both legs tied together
4/ Per leg
SDA280


Similar Part No. - RA0050C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
More results

Similar Description - RA0050C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0024 SSDI-RA0024 Datasheet
81Kb / 2P
CENTERTAP RECTIFIER
RC0068 SSDI-RC0068 Datasheet
100Kb / 2P
CENTERTAP RECTIFIER
RU0087D SSDI-RU0087D Datasheet
81Kb / 2P
Centertap Rectifier
RU0089F SSDI-RU0089F Datasheet
135Kb / 3P
CENTERTAP RECTIFIER
SH0029E SSDI-SH0029E Datasheet
106Kb / 2P
Centertap Rectifier
SH0049C SSDI-SH0049C Datasheet
85Kb / 2P
Centertap Rectifier
SH0082A SSDI-SH0082A Datasheet
146Kb / 3P
CENTERTAP RECTIFIER
RA0025 SSDI-RA0025_15 Datasheet
82Kb / 2P
CENTERTAP RECTIFIER
RA0050C SSDI-RA0050C_15 Datasheet
113Kb / 2P
CENTERTAP RECTIFIER
RC0027F SSDI-RC0027F_15 Datasheet
118Kb / 2P
CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com