Electronic Components Datasheet Search
  English  ▼

X  

RA0064 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0064
Description  THREE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0064 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0064 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDA263 __ __ __ __
+
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
¦
¦
¦
¦
¦
¦
+ Bridge Type
-3 = Three Phase
¦
¦
¦
¦
¦
¦
¦
¦
+ Reverse Recovery
F = Fast
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+
Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 200V, D = 400V,
E = 600V, F = 800V, G = 1,000V.
SDA263AF-3 thru SDA263GF -3
75 AMPS 50 - 1000 VOLTS
FAST RECOVERY
THREE PHASE BRIDGE RECTIFIER
FEATURES:
• Fast Reverse Recovery Time 200 ns Max
• Average Output Current 75 Amps @ 50°C
• PIV 50 to 1000 Volts Per Leg
• Maximum Thermal Resistance 1.0°C/W
• Operating & Storage Temperature -55°C to
+150
°
C
• Hermetically Sealed Diode Cells
• Threaded Holes for Ease of Installation
• Electrically Insulated Aluminum Case
• Available in Faster Recovery Versions
• Available in Higher Voltages
• TX, TXV, and S-Level Screening Available
SDA263AF-3 through SDA263GF-3 Package:
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp .
ELECTRICAL CHARACTERISTICS
3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC Output
Current
TC=Case Temp
Peak Forward
Surge Current
(1 Cycle)
Peak Repetitive
Forward Current
Maximum
Forward Voltage
(per leg) @ 10
ADC
Maximum
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF (AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Volts
µA
Conditions
Max
50
o C
100
oC
25
o C
100
oC
SDA263AF-3
50
35
200
75
54
375
125
1.2
5
100
SDA263BF-3
100
70
200
75
54
375
125
1.2
5
100
SDA263CF-3
200
140
200
75
54
375
125
1.2
5
100
SDA263DF-3
400
280
200
75
54
375
125
1.2
5
100
SDA263EF-3
600
420
200
75
54
375
125
1.2
5
100
SDA263FF-3
800
560
200
75
54
375
125
1.2
5
100
SDA263GF-3
1000
700
200
75
54
375
125
1.2
5
100
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0064A
DOC


Similar Part No. - RA0064

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0064 SSDI-RA0064_15 Datasheet
24Kb / 1P
THREE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0064

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com