Electronic Components Datasheet Search
  English  ▼

X  

RA0067C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0067C
Description  STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0067C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0067C Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0067C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 2
__ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
__ = Standard Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV, 7.5 = 7.5kV,
10 = 10kV, and 15 = 15kV
Power Rating (See Below)
Package Size = 2 Inches Diameter
SDAD102 Series
2,500 to 15,000 VOLTS
STANDARD RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV 2.5kV to 15kV
High Current Ratings
Standard Reverse Recovery Time
Only Hermetically Sealed Rectifiers Used
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Fast, Ultra Fast and Hyper Fast
Versions
Replacement Upgrade- Microsemi/Unitrode
types UDE-2.5 through UDA-15
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC Output
Current
4/
Tc = Case Temperature
Surge
Non-repetitive
Maximum
Forward Voltage
Drop
Maximum
Leakage
Current @PIV
Replacement Part
Number
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25
C
25
C
75
C
50
C 60 C
100
C
25
C
25
C
SDAD102E2.5
2.5
5000
6.00
7.70
7.00
200
5.0
3.0
10
UDE-2.5
SDAD102B2.5
2.5
5000
3.00
4.25
3.75
100
4.0
1.5
5
UDB-2.5
SDAD102E5.0
5.0
5000
4.50
5.50
5.00
200
10
2.2
10
UDE-5
SDAD102B5.0
5.0
5000
2.00
2.75
2.50
100
8.0
1.0
5
UDB-5 / 1N5600
SDAD102A5.0
5.0
5000
1.65
2.20
2.00
30
8.0
0.82
2
UDA-5
SDAD102B7.5
7.5
5000
1.33
2.00
1.65
100
12
0.7
5
UDB-7.5
SDAD102A7.5
7.5
5000
1.25
1.75
1.55
30
12
0.6
2
UDA-7.5
SDAD102A10
10
5000
1.00
1.40
1.25
30
16
0.5
2
UDA-10 / 1N5597
SDAD102A15
15
5000
0.67
0.90
0.80
30
25
0.33
2
UDA-15
High Current Versions
SDAD102H2.5
2.5
5000
12.0
15.4
14.0
250
3.40
10
20
SDAD102H5.0
5.0
5000
9.00
11.0
10.0
250
6.80
3.5
20
SDAD102H7.5
7.5
5000
2.66
4.00
3.30
125
8.85
2.0
10
SDAD102H10
10
5000
2.00
2.80
2.50
100
12.1
1.8
10
SDAD102H15
15
5000
1.33
1.80
1.60
100
17.6
1.1
10
SDAD102 Package:
NOTES:
1/ For ordering information, price, curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.


Similar Part No. - RA0067C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0067C SSDI-RA0067C_15 Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - RA0067C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0041B SSDI-RA0041B Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0065C SSDI-RA0065C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0085B SSDI-RA0085B Datasheet
73Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0102B SSDI-RA0102B Datasheet
72Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C_15 Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C_15 Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C_15 Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0084B SSDI-RA0084B_15 Datasheet
79Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com