Electronic Components Datasheet Search
  English  ▼

X  

RA0068C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0068C
Description  STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0068C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0068C Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0068C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 1
__ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
__= Standard Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and
15 = 15kV
Power Rating (See Below)
Package Size = 1 Inch Diameter
SDAD101 Series
2,500 to 15,000 VOLTS
STANDARD RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV 2.5 kV to 15 kV
Standard Reverse Recovery Time
Only Hermetically Sealed Rectifiers Used
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Fast, Ultra Fast and Hyper Fast
Versions
TX, TXV, and S-Level Screening Available
2/
Replacement Upgrade - Microsemi / Unitrode
Types USB2.5 Through USS15
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC Output
Current
4/
Tc = Case
Temperature
Surge
Non-
repetitive
Maximum
Forward Voltage
Drop
Maximum
Leakage
Current @PIV
Replacement Part
Number
PIV (KV) Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25
C
25
C
75
C
50
C
100
C
25
C
25
C
SDAD101 B 2.5
2.5
5000
1.10
2.30
80
5.0
1.1
10
USB-2.5
SDAD101 B 5.0
5.0
5000
0.68
1.50
80
9.0
0.7
10
USB-5
SDAD101 S 5.0
5.0
5000
0.60
1.10
25
9.0
0.6
5
USS-5
SDAD101 B 7.5
7.5
5000
0.53
1.20
80
13.0
0.5
10
USB-7.5
SDAD101 S 7.5
7.5
5000
0.45
0.91
25
13.0
0.5
5
USS-7.5
SDAD101 B 10
10
5000
0.43
1.00
80
17.0
0.4
10
USB-10
SDAD101 S 10
10
5000
0.35
0.71
25
17.0
0.3
5
USS-10
SDAD101 S 15
15
5000
0.25
0.51
25
25
0.2
5
USS-15
High Current Versions
SDAD101 H 2.5
2.5
5000
2.20
4.60
150
3.3
2.2
10
---
SDAD101 H 5.0
5.0
5000
1.36
3.00
150
5.5
1.3
10
---
SDAD101 H 7.5
7.5
5000
1.06
2.40
150
8.2
1.0
10
---
SDAD101 H 10
10
5000
0.86
2.00
150
10.7
0.8
10
---
SDAD101 H 15
15
5000
0.50
1.00
30
15.7
0.5
10
---
SDAD101 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact
Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.


Similar Part No. - RA0068C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0068C SSDI-RA0068C_15 Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - RA0068C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0041B SSDI-RA0041B Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0065C SSDI-RA0065C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0085B SSDI-RA0085B Datasheet
73Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0102B SSDI-RA0102B Datasheet
72Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C_15 Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C_15 Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C_15 Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0084B SSDI-RA0084B_15 Datasheet
79Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com