Electronic Components Datasheet Search
  English  ▼

X  

RA0082 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0082
Description  THREE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0082 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0082 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SDA403 __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Reverse Recovery
F = Fast
│
│
│
│
│
│
│
│
│
└ Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 200V,
D = 400V, E = 600V, F = 800V,
G = 1,000V.
SDA403AF thru SDA403GF
5 AMPS 50 ─ 1000 VOLTS
FAST RECOVERY
THREE PHASE BRIDGE RECTIFIER
FEATURES:
• Fast Reverse Recovery Time 150 ns Max
• Average Output Current 5 Amps @ 50OC
• PIV 50 to 1000 Volts Per Leg
• Efficient Thermal Design
• Double Plug, Void Free, Hermetically Sealed, Glass
Passivated Diode Cells
• Case Electrically Insulated
• Machined Aluminum Case
• Available in Ultra Fast and Hyper Fast Versions
• Available in Higher Voltages
• TX, TXV, and S-Level Screening Available
NOTES:
1. For Ordering Information, Price, Outline, Curves, and Availability- Contact Factory.
2. Screened to MIL-PRF-19500.
3. Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4. Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
SDA403 Package:
ELECTRICAL CHARACTERISTICS3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse4/
Recovery
Time
Average DC Output
Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak Forward
Surge Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @
3 ADC
Maximum
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IF(AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
50oC
100oC
25oC
55oC
25oC 100oC
SDA403AF
50
35
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403BF
100
70
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403CF
200
140
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403DF
400
280
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403EF
600
420
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403FF
800
560
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
SDA403GF
1000
700
150
5.0
2.5
1.5
1.0
25
9.0
1.4
3
75
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0082A
DOC


Similar Part No. - RA0082

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0082 SSDI-RA0082_15 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0082

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com