Electronic Components Datasheet Search
  English  ▼

X  

RA0089 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0089
Description  THREE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0089 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0089 Datasheet HTML 1Page - Solid States Devices, Inc RA0089 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA160
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Terminals
_ = Spade Terminals
T = Turret Terminals
│
│
│
│
│
│
│
│
│
└ Peak Inverse Voltage (per leg)
A = 50V, B = 100V, C = 150V,
D = 200V, E = 250V, F = 300V,
SDA160A thru SDA160F
40 AMPS 50 ─ 300 VOLTS
HYPER FAST RECOVERY
THREE PHASE BRIDGE RECTIFIER
FEATURES:
• Hyper Fast Reverse Recovery Time 40 ns Max 4/
• Average Output Current 40 Amps @ 55°C
• PIV 50 to 300 Volts Per Leg
• Available with Turret or Spade Terminals
• High Surge Rating- 250A
• Thermally Superior Encapsulant
• Hermetically Sealed Diode Cells
• Replacement for Unitrode 800 Series
• Aluminum Case, Electrically Insulated
• Available in Higher Voltages
• Available in Hyper Fast Recovery Times
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage 5/ (per leg)
And
DC Blocking Voltage (per leg)
SDA160A
SDA160B
SDA160C
SDA160D
SDA160E
SDA160F
VRM (REP)
VR
50
100
150
200
250
300
Volts
Half Wave Rectified Forward Current, Averaged Over Full Cycle
(Resistive Load, 60 Hz, Sine Wave, TC = 55°C)
IO
40
Amps
Peak Repetitive Forward Current (per leg)
(TC = 55°C, 8.3 msec Pulse, Allow Junction to Reach Equilibrium Between Pulses)
IFM (REP)
150
Amps
Peak Surge Current (per assembly)
(TC = 55°C, Superimposed on Rated Current at Rated Voltage, 8.3 msec Pulse)
IFM (SURGE)
250
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +150
°C
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
SDA160 Packages:
NOTES:
1/ For Ordering Information, Price, and Availability-
Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified,
All Electrical Characteristics @25ºC.
4/ Recovery Conditions:
IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
5/ For RMS Reverse Voltage, multiply VR values by .707
Turret Terminals:
Spade Terminals:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0089A
DOC


Similar Part No. - RA0089

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0089 SSDI-RA0089_15 Datasheet
228Kb / 2P
THREE PHASE BRIDGE RECTIFIER
More results

Similar Description - RA0089

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com