Electronic Components Datasheet Search
  English  ▼

X  

RA0091 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0091
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0091 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0091 Datasheet HTML 1Page - Solid States Devices, Inc RA0091 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SPA560 __ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└ Lead Bend __ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Voltage/Family J = 600 V
K = 800 V
M = 1000 V
SPA560 Series
22A / 600-1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
ULTRA FAST – 70 ns
Features:
• Higher Blocking Voltage Available. Contact Factory.
• Average Output Current 22 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (0.89 x 0.89 x 0.39”)
• TX and TXV & S Level Screening Available
• Superior Replacement for Sensitron S455DC, S455FC, &
S455GC
• Standard, Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
3/
Symbol
Value
Units
Peak Inverse Voltage
SPA560J
SPA560K
SPA560M
PIV
600
800
1000
Volts
Average Rectified Output Current
(TC = Case Temperature)
TC = 55°C
TC = 100°C
IO1
IO2
22
15
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on Rated Load)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
1.25
ºC/W
Notes:
SPA560
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Maximum Ratings/Electrical
Characteristics @25ºC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0091A
DOC


Similar Part No. - RA0091

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0091 SSDI-RA0091_15 Datasheet
157Kb / 2P
RECTIFIER ASSEMBLY
More results

Similar Description - RA0091

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0003 SSDI-RA0003 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0006 SSDI-RA0006 Datasheet
53Kb / 2P
RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F Datasheet
142Kb / 2P
RECTIFIER ASSEMBLY
RA0033 SSDI-RA0033 Datasheet
115Kb / 2P
RECTIFIER ASSEMBLY
RA0043 SSDI-RA0043 Datasheet
114Kb / 2P
RECTIFIER ASSEMBLY
RA0051B SSDI-RA0051B Datasheet
81Kb / 2P
Rectifier Assembly
RA0053 SSDI-RA0053 Datasheet
39Kb / 2P
RECTIFIER ASSEMBLY
RA0103A SSDI-RA0103A Datasheet
74Kb / 2P
Rectifier Assembly
RA0047A SSDI-RA0047A_15 Datasheet
159Kb / 2P
RECTIFIER ASSEMBLY
RA0049 SSDI-RA0049_15 Datasheet
34Kb / 2P
RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com