Electronic Components Datasheet Search
  English  ▼

X  

RA0100A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RA0100A
Description  RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0100A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RA0100A Datasheet HTML 1Page - Solid States Devices, Inc RA0100A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0100A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPA612 Series
Electrical Characteristic 3/
Symbol
Min
Typ
Max
Units
Maximum Forward Voltage Per Leg
(TA = 25°C, pulsed)
IF = 150 A
IF = 100 A
IF = 60 A
VF1
VF2
VF2
-
-
-
1.08
1.02
0.96
1.50
1.30
1.05
Volts
Maximum Forward Voltage Per Leg
(TA = 125°C, pulsed)
IF = 150 A
IF = 100 A
IF = 60 A
VF1
VF2
VF2
-
-
-
0.98
0.93
0.85
1.20
1.10
0.95
Volts
Reverse Leakage Current
(Rated PIV, TA = 25ºC)
IR1
-
5
50
A
Reverse Leakage Current
(Rated PIV,)
TA = 100ºC
TA = 125ºC
IR2
IR3
-
-
50
125
500
1000
A
Isolation Resistance
1500V
RISO
100
---
---
MΩ
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA TA = 25ºC
(Measured on discrete rectifiers prior to assembly)
trr
––
2.5
5.0
us
SPA612 Package Outline:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com