Electronic Components Datasheet Search
  English  ▼

X  

RA0102B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0102B
Description  STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0102B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0102B Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0102B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDAD10 1
__ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery Time
UF = Ultra Fast Recovery Time
Voltage
2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and
13 = 13kV
Current Rating = M (see below)
Package Size = 1 Inch Diameter
SDAD101M2.5HF thru
SDAD101M13HF
30 nsec
2,500 to 13,000 Volts
Hyper Fast Recovery
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
Stackable to 600 kV+
PIV: 2.5 kV to 13 kV
Hyper Fast Reverse Recovery Time: 30 nsec
Hermetically Sealed Internal Discretes
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65°C to +150°C
Available in Standard, Fast and Ultra Fast
Versions
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
Reverse
Recovery
Time
5/
Average DC
Output Current
Tc = Case
Temperature
4/
Surge
Non-
repetitive
Maximum Forward
Voltage Drop
Maximum Leakage
Current @PIV
PIV (KV) Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
25ºC
25ºC
75ºC
50ºC
100ºC
25ºC
25ºC
100ºC
SDAD101M2.5HF
2.5
30
0.80
1.00
25
8.0
1.00
20
250
SDAD101M5.0HF
5.0
30
0.80
1.00
25
14.0
1.00
20
250
SDAD101M7.5HF
7.5
30
0.80
1.00
25
20.0
1.00
20
250
SDAD101M10HF
10
30
0.72
0.90
25
26.0
0.90
20
250
SDAD101M13HF
13
30
0.56
0.70
25
34.0
0.70
20
250
SDAD101 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability-
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available
on request.
3/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25
Amp.


Similar Part No. - RA0102B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0102B SSDI-RA0102B_15 Datasheet
72Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - RA0102B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0041B SSDI-RA0041B Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0065C SSDI-RA0065C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0085B SSDI-RA0085B Datasheet
73Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0066C SSDI-RA0066C_15 Datasheet
80Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0067C SSDI-RA0067C_15 Datasheet
77Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0068C SSDI-RA0068C_15 Datasheet
74Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
RA0084B SSDI-RA0084B_15 Datasheet
79Kb / 1P
STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com