Electronic Components Datasheet Search
  English  ▼

X  

ST3L01K7R Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3L01K7R
Description  TRIPLE VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3L01K7R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3L01K7R Datasheet HTML 4Page - STMicroelectronics ST3L01K7R Datasheet HTML 5Page - STMicroelectronics ST3L01K7R Datasheet HTML 6Page - STMicroelectronics ST3L01K7R Datasheet HTML 7Page - STMicroelectronics ST3L01K7R Datasheet HTML 8Page - STMicroelectronics ST3L01K7R Datasheet HTML 9Page - STMicroelectronics ST3L01K7R Datasheet HTML 10Page - STMicroelectronics ST3L01K7R Datasheet HTML 11Page - STMicroelectronics ST3L01K7R Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
ST3L01
9/12
Figure 25 : Supply Voltage Rejection vs Output
Current
Figure 26 : Supply Voltage Rejection vs Output
Current
Figure 27 : Supply Voltage Rejection vs
Temperature
Figure 28 : Line Transient
Figure 29 : Line Transient
Figure 30 : Line Transient
VCC=4.75 to 5.25V, VDD=12V, IO1=IO2=10mA, CCC=1µF (tant),
CDD=100nF (X7R), All CO=100nF (X7R)
VCC=4.75 to 5.25V, VDD=12V, IO1=IO2=10mA, CCC=1µF (tant),
CDD=100nF (X7R), All CO=100nF (X7R)
VCC=4.75 to 5.25V, VDD=12V, IO1=IO2=10mA, CCC=1µF (tant),
CDD=100nF (X7R), All CO=100nF (X7R)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com