Electronic Components Datasheet Search
  English  ▼

X  

STGP35N35LZ Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGP35N35LZ
Description  Automotive-grade 345 V internally clamped IGBT, EAS 450 mJ
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP35N35LZ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGP35N35LZ Datasheet HTML 2Page - STMicroelectronics STGP35N35LZ Datasheet HTML 3Page - STMicroelectronics STGP35N35LZ Datasheet HTML 4Page - STMicroelectronics STGP35N35LZ Datasheet HTML 5Page - STMicroelectronics STGP35N35LZ Datasheet HTML 6Page - STMicroelectronics STGP35N35LZ Datasheet HTML 7Page - STMicroelectronics STGP35N35LZ Datasheet HTML 8Page - STMicroelectronics STGP35N35LZ Datasheet HTML 9Page - STMicroelectronics STGP35N35LZ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STGB35N35LZ, STGP35N35LZ
6/18
DocID12253 Rev 6
2.1
Electrical characteristics (curves)
Figure 2. Collector-emitter saturation voltage vs
temperature
Figure 3. Self clamped inductive switch
Figure 4. Output characteristics (TJ = 25 °C)
Figure 5. Output characteristics (TJ = -40 °C)
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
175
T
J
(°C)
V
CE(sat)
(V)
V
GE =
4.5 V
I
C
= 20 A
I
C
= 10 A
I
C
= 15 A
0
8
16
24
32
40
024
68
10
V
GE =
5 V
V
CC =
50 V
I
SC I S
(A)
T
J =
150 °C
T
J
= 25 °C
L (mH)
0
20
40
60
80
01
23
45
V
CE (V)
I
C (A)
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V
0
20
40
60
80
01
2
3
45
V
CE (V)
I
C (A)
V
GE = 2.5 V
V
GE = 3 V
V
GE = 3.5 V
V
GE = 4 V
V
GE = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com