Electronic Components Datasheet Search
  English  ▼

X  

STL8DN6LF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL8DN6LF3
Description  Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN6LF3 Datasheet(HTML) 5 Page - STMicroelectronics

  STL8DN6LF3 Datasheet HTML 1Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 2Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 3Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 4Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 5Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 6Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL8DN6LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID022261 Rev 5
5/18
STL8DN6LF3
Electrical characteristics
18
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
I
SD
Source-drain current
-
7.8
A
I
SDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
31.2
A
V
SD
(2)
2.
Pulsed: pulse duration= 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 7.8 A, V
GS
=0
-
1.3
V
t
rr
Reverse recovery time
I
SD
= 7.8 A,
di/dt = 100 A/μs,
V
DD
=48 V, Tj=150 °C
-30
ns
Q
rr
Reverse recovery charge
-
35
nC
I
RRM
Reverse recovery current
-
2.35
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com