Electronic Components Datasheet Search
  English  ▼

X  

STL52N25M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL52N25M5
Description  N-channel 250 V, 0.064, 28 A, PowerFLAT (5x6) MDmesh V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL52N25M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STL52N25M5 Datasheet HTML 1Page - STMicroelectronics STL52N25M5 Datasheet HTML 2Page - STMicroelectronics STL52N25M5 Datasheet HTML 3Page - STMicroelectronics STL52N25M5 Datasheet HTML 4Page - STMicroelectronics STL52N25M5 Datasheet HTML 5Page - STMicroelectronics STL52N25M5 Datasheet HTML 6Page - STMicroelectronics STL52N25M5 Datasheet HTML 7Page - STMicroelectronics STL52N25M5 Datasheet HTML 8Page - STMicroelectronics STL52N25M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STL52N25M5
Electrical ratings
Doc ID 17819 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
25
V
ID
(1)
1.
This value is rated according Rthj-case.
Drain current (continuous) at TC = 25 °C
28
A
ID
(1)
Drain current (continuous) at TC = 100 °C
18
A
IDM
(1),(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
112
A
ID
(3)
3.
This value is rated according Rthj-a.
Drain current (continuous) at TC = 25 °C
4.2
A
ID
(3)
Drain current (continuous) at TC = 100 °C
2.6
A
IDM
(2),(3)
Drain current (pulsed)
16.8
A
PTOT
(1)
Total dissipation at TC = 25 °C
110
W
PTOT
(3)
Total dissipation at TC = 25 °C
2.5
W
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
10
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
230
mJ
dv/dt(4)
4.
ISD ≤ 28 A, di/dt ≤ 400 A/µs, VDD = 150 V, VPeak < V(BR)DSS.
Peak diode recovery voltage slope
15
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1.14
°C/W
Rthj-a
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu
Thermal resistance junction-amb max
50
°C/W
TJ
Maximum lead temperature for soldering purpose
300
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com