Electronic Components Datasheet Search
  English  ▼

X  

STOD13A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD13A
Description  250 mA dual DC-DC converter for powering AMOLED displays
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD13A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD13A Datasheet HTML 2Page - STMicroelectronics STOD13A Datasheet HTML 3Page - STMicroelectronics STOD13A Datasheet HTML 4Page - STMicroelectronics STOD13A Datasheet HTML 5Page - STMicroelectronics STOD13A Datasheet HTML 6Page - STMicroelectronics STOD13A Datasheet HTML 7Page - STMicroelectronics STOD13A Datasheet HTML 8Page - STMicroelectronics STOD13A Datasheet HTML 9Page - STMicroelectronics STOD13A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Pin configuration
STOD13A
6/24
Doc ID 022599 Rev 1
2
Pin configuration
Figure 3.
Pin configuration (top view)
Table 3.
Pin description
Pin name
Pin number
Description
Lx1
1
Boost converter switching node.
PGND
2
Power ground pin.
VMID
3
Boost converter output voltage.
FD
4
Fast discharge control pin. When pulled LOW the fast discharge after
shutdown is active. When pulled HIGH the fast discharge is OFF.
AGND
5
Signal ground pin. This pin must be connected to the power ground
layer.
VREF
6
Voltage reference output. 1µF bypass capacitor must be connected
between this pin and AGND.
SWIRE
7
Negative voltage setting pin.
EN
8
Enable control pin. high = converter on; low = converter in shutdown
mode.
VO2
9
Inverting converter output voltage.
Lx2
10
Inverting converter switching node.
VIN A
11
Analogic input supply voltage.
VIN P
12
Power input supply voltage.
Exposed
Pad
Internally connected to AGND. Exposed pad must be connected to
ground layers in the PCB layout in order to guarantee proper operation
of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com