Electronic Components Datasheet Search
  English  ▼

X  

TLP280 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP280
Description  TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP280 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP280 Datasheet HTML 1Page - Toshiba Semiconductor TLP280 Datasheet HTML 2Page - Toshiba Semiconductor TLP280 Datasheet HTML 3Page - Toshiba Semiconductor TLP280 Datasheet HTML 4Page - Toshiba Semiconductor TLP280 Datasheet HTML 5Page - Toshiba Semiconductor TLP280 Datasheet HTML 6Page - Toshiba Semiconductor TLP280 Datasheet HTML 7Page - Toshiba Semiconductor TLP280 Datasheet HTML 8Page - Toshiba Semiconductor TLP280 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP280,TLP280
−4
2007-10-01
6
Ambient temperature Ta (℃)
TLP280-4
IF – Ta
TLP280
0
120
100
40
20
0
-20-20
20
40
80
100
80
60
60
Duty cycle ratio DR
PULSE WIDTH
≦
100μs
Ta=25℃
IFP – DR
10
10
0
3
3
3
30
50
100
1000
3000
10−
1
300
500
10−
2
10−
3
3
Pulse forward voltage VFP (V)
Pulse width≦10μs
Repetitive
Frequency=100Hz
Ta=25℃
IFP – VFP
1
3.0
2.6
1.8
1.4
1.0
0.6
3
5
10
30
300
500
1000
2.2
50
100
Forward current IF (mA)
Δ
VF /ΔTa– IF
-0.4
50
30
5
1
0.3
0.1
-0.8
-1.2
-1.6
-2.8
-3.2
10
-2.0
-2.4
0.5
3
PC – Ta
Ambient temperature Ta (℃)
TLP280-4
TLP280
0
120
100
60
20
0
-20
40
80
160
200
80
120
40
Forward voltage VF (V)
100℃
IF – VF
75℃
50℃
25℃
0℃
-25℃
-50℃
0.1
1.6
1.2
1.0
0.8
0.6
1
100
1.4
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com