Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3445
Description  Triac Dimmable Offline LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3445 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3445 Datasheet HTML 17Page - Texas Instruments LM3445 Datasheet HTML 18Page - Texas Instruments LM3445 Datasheet HTML 19Page - Texas Instruments LM3445 Datasheet HTML 20Page - Texas Instruments LM3445 Datasheet HTML 21Page - Texas Instruments LM3445 Datasheet HTML 22Page - Texas Instruments LM3445 Datasheet HTML 23Page - Texas Instruments LM3445 Datasheet HTML 24Page - Texas Instruments LM3445 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L2 # tOFF x
VLED
'i
'i # tOFF x
VLED
L2
VL(OFF-TIME) = VLED = L x 'i
't
VL(OFF-TIME) = VLED = L x
(I(MAX) - I(MIN))
't
di
Q
= L dt
-
C12
R3
Q2
-
D10
VLED
VBUCK
VL2
L2
LM3445
www.ti.com
SNVS570K – JANUARY 2009 – REVISED NOVEMBER 2011
Figure 27. LM3445 External Components of the Buck Converter
The equation for an ideal inductor is:
(14)
Given a fixed inductor value, L, this equation states that the change in the inductor current over time is
proportional to the voltage applied across the inductor.
During the on-time, the voltage applied across the inductor is,
VL(ON-TIME) = VBUCK - (VLED + VDS(Q2) + IL2 x R3)
(15)
Since the voltage across the MOSFET switch (Q2) is relatively small, as is the voltage across sense resistor R3,
we can simplify this to approximately,
VL(ON-TIME) = VBUCK - VLED
(16)
During the off-time, the voltage seen by the inductor is approximately:
VL(OFF-TIME) = VLED
(17)
The value of VL(OFF-TIME) will be relatively constant, because the LED stack voltage will remain constant. If we
rewrite the equation for an inductor inserting what we know about the circuit during the off-time, we get:
(18)
Re-arranging this gives:
(19)
From this we can see that the ripple current (
Δi) is proportional to off-time (tOFF) multiplied by a voltage which is
dominated by VLED divided by a constant (L2).
These equations can be rearranged to calculate the desired value for inductor L2.
(20)
Where:
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com