Electronic Components Datasheet Search
  English  ▼

X  

WSN802GP Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # WSN802GP
Description  802.11g Wireless Sensor Network Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

WSN802GP Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  WSN802GP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. WSN802GP Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.RFM.com E-mail: info@rfm.com
Page2of7
©2009-2010 by RF Monolithics, Inc.
WSN802G - 06/22/10
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
ADC Input Range
0
1.8
V
ADC Input Resolution
10
bits
ADC Input Impedance
1
MW
PWM Output Resolution
16
bits
Data Serial Port Baud Rates
1.2, 2.4, 4.8, 9.6 (default), 19.2, 28.8, 38.4, 57.6,
76.8, 115.2, 230.4, 460.8, 921.6
kbps
Diagnostic Serial Port Baud Rates
1.2, 2.4, 4.8, 9.6 (default), 19.2, 28.8, 38.4,
57.6, 76.8, 115.2
kbps
Serial Peripheral Interface (SPI) Data Rate, Master Mode
11
Mbps
Serial Peripheral Interface (SPI) Data Rate, Slave Mode
2
Mbps
Digital I/O:
Logic Low Input Level
-0.3
0.7
V
Logic High Input Level
2.24
VCC
V
Input Pull Up Resistor
50
1000
KW
Logic Low Output Level
0
0.4
V
Logic High Output Level
2.4
VCC
V
Power Supply Voltage Range
VCC
+3
+3.63
Vdc
Power Supply Voltage Ripple
10
mVP-P
Receive Mode Current
150
mA
Transmit Mode Current
200
mA
Sleep Mode Current
7.5
µA
WSN802GC Mounting
Reflow Soldering
WSN802GP Mounting
Socket
Operating Temperature Range
-40
85
oC
Operating Relative Humidity Range, Non-condensing
10
90
%
WSN802G Electrical Characteristics
CAUTION: Electrostatic Sensitive Device. Observe precautions when handling.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com