Electronic Components Datasheet Search
  English  ▼

X  

DS90CP22 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CP22
Description  800 Mbps 2x2 LVDS Crosspoint Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CP22 Datasheet(HTML) 2 Page - Texas Instruments

  DS90CP22 Datasheet HTML 1Page - Texas Instruments DS90CP22 Datasheet HTML 2Page - Texas Instruments DS90CP22 Datasheet HTML 3Page - Texas Instruments DS90CP22 Datasheet HTML 4Page - Texas Instruments DS90CP22 Datasheet HTML 5Page - Texas Instruments DS90CP22 Datasheet HTML 6Page - Texas Instruments DS90CP22 Datasheet HTML 7Page - Texas Instruments DS90CP22 Datasheet HTML 8Page - Texas Instruments DS90CP22 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS90CP22
SNLS053E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Figure 2. Diff. Output Eye-Pattern in 1:2 split mode @ 800 Mbps
Conditions: 3.3 V, PRBS = 223
−1 data pattern,
VID = 300mV, VCM = +1.2 V, 200 ps/div, 100 mV/div
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VCC)
−0.3V to +4V
CMOS/TTL Input Voltage (EN0, EN1, SEL0, SEL1)
−0.3V to (VCC + 0.3V)
LVDS Receiver Input Voltage (IN+, IN
−)
−0.3V to +4V
LVDS Driver Output Voltage (OUT+, OUT
−)
−0.3V to +4V
LVDS Output Short Circuit Current
Continuous
Junction Temperature
+150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 4 sec.)
+260°C
Maximum Package Power Dissipation at
16L SOIC
1.435 W
25°C
16L SOIC Package Derating
11.48 mW/°C above +25°C
16L TSSOP
0.866 W
16L TSSOP Package Derating
9.6 mW/°C above +25°C
ESD Rating
(HBM, 1.5k
Ω, 100pF)
> 5 kV
(EIAJ, 0
Ω, 200pF)
> 250 V
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(2)
“Absolute Maximum Ratings” are these beyond which the safety of the device cannot be verified. They are not meant to imply that the
device should be operated at these limits. “Electrical Characteristics” provides conditions for actual device operation.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Receiver Input Voltage
0
VCC
V
Operating Free Air Temperature
-40
+25
+85
°C
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS90CP22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com