Electronic Components Datasheet Search
  English  ▼

X  

AMC7891 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7891
Description  Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7891 Datasheet(HTML) 3 Page - Texas Instruments

  AMC7891 Datasheet HTML 1Page - Texas Instruments AMC7891 Datasheet HTML 2Page - Texas Instruments AMC7891 Datasheet HTML 3Page - Texas Instruments AMC7891 Datasheet HTML 4Page - Texas Instruments AMC7891 Datasheet HTML 5Page - Texas Instruments AMC7891 Datasheet HTML 6Page - Texas Instruments AMC7891 Datasheet HTML 7Page - Texas Instruments AMC7891 Datasheet HTML 8Page - Texas Instruments AMC7891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
AMC7891
www.ti.com
SBAS518A
– AUGUST 2011 – REVISED DECEMBER 2011
AMC7891 Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
11
DACOUT2
O
DAC2 buffered output. (0 V to AVDD).
Can source/sink up to 10 mA.
12
DACOUT1
O
DAC1 buffered output. (0 V to AVDD).
Can source/sink up to 10 mA.
13
DACOUT0
O
DAC0 buffered output. (0 V to AVDD).
Can source/sink up to 10 mA.
14
AGND2
I
Analog ground. Ground reference point for all analog circuitry on the device, AGND. Connect AGND1 and
AGND2 to the same potential, AGND.
15
GPIOC3
I/O
General purpose digital I/O C3. Maximum voltage is set by GPIOVDD
16
GPIOC2
I/O
General purpose digital I/O C2. Maximum voltage is set by GPIOVDD
17
GPIOC1
I/O
General purpose digital I/O C1. Maximum voltage is set by GPIOVDD
18
GPIOC0
I/O
General purpose digital I/O C0. Maximum voltage is set by GPIOVDD
19
DAV
O
ADC data available indicator. Open-drain, active low output.
In direct-mode, DAV goes low when an ADC conversion cycle finishes. In auto-mode a 1
µs pulse appears
on this pin when the conversion cycle finishes (see ADC Operation for details). DAV stays high when
deactivated. If used, an external 10 k
Ω pull-up resistor to GPIOVDD is required. If unused, the pin can be
connected to DGND.
20
GPIOB3
I/O
General purpose digital I/O B3. Maximum voltage is set by GPIOVDD
21
GPIOB2
I/O
General purpose digital I/O B2. Maximum voltage is set by GPIOVDD
22
GPIOB1
I/O
General purpose digital I/O B1. Maximum voltage is set by GPIOVDD
23
GPIOB0
I/O
General purpose digital I/O B1. Maximum voltage is set by GPIOVDD
24
GPIOA3
I/O
General purpose digital I/O A3. Maximum voltage is set by GPIOVDD
25
GPIOA2
I/O
General purpose digital I/O A2. Maximum voltage is set by GPIOVDD
26
GPIOA1
I/O
General purpose digital I/O A1. Maximum voltage is set by GPIOVDD
27
GPIOA0
I/O
General purpose digital I/O A1. Maximum voltage is set by GPIOVDD
28
AIN0
I
Uncommitted analog input 0. (0 V to 5 V)
29
AIN1
I
Uncommitted analog input 1. (0 V to 5 V)
30
AIN2
I
Uncommitted analog input 2. (0 V to 5 V)
31
AIN3
I
Uncommitted analog input 3. (0 V to 5 V)
32
AIN4
I
Uncommitted analog input 4. (0 V to 5 V)
33
AIN5
I
Uncommitted analog input 5. (0 V to 5 V)
34
AIN6
I
Uncommitted analog input 6. (0 V to 5 V)
35
AIN7
I
Uncommitted analog input 7. (0 V to 5 V)
36
REF
I/O
Used as external ADC reference input when the internal reference buffer is disabled in register AMC_power,
ref_on =
‘0’ (default). A decoupling capacitor is recommended between the external reference output an
AGND for noise filtering.
Used as internal reference output when the internal reference buffer is enabled in register AMC_power,
ref_on =
‘1’. Requires a 4.7 µF decoupling capacitor to AGND when used as reference output. An external
buffer amplifier with high impedance input is required to drive an external load.
–
THERMAL
–
The thermal pad is located on the package underside. Connect to the board ground plane using multiple
vias.
PAD
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AMC7891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com