Electronic Components Datasheet Search
  English  ▼

X  

C106 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # C106
Description  The Type C106 Silicon Controlled Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

C106 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  C106 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. C106 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - C106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106 GESS-C106 Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Sanken electric
C106 SANKEN-C106 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
logo
Digitron Semiconductors
C106 DIGITRON-C106 Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
More results

Similar Description - C106

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C11 NJSEMI-C11 Datasheet
137Kb / 2P
The Cll Silicon Controlled Rectifier
C147 NJSEMI-C147 Datasheet
119Kb / 2P
The C147 Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com