Electronic Components Datasheet Search
  English  ▼

X  

LT3596 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3596
Description  60V 4-Switch Synchronous Buck-Boost Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3596 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3596 Datasheet HTML 3Page - Linear Technology LT3596 Datasheet HTML 4Page - Linear Technology LT3596 Datasheet HTML 5Page - Linear Technology LT3596 Datasheet HTML 6Page - Linear Technology LT3596 Datasheet HTML 7Page - Linear Technology LT3596 Datasheet HTML 8Page - Linear Technology LT3596 Datasheet HTML 9Page - Linear Technology LT3596 Datasheet HTML 10Page - Linear Technology LT3596 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3791-1
7
37911fa
For more information www.linear.com/LT3791-1
C/10 Threshold vs Temperature
OVLO Threshold vs Temperature
Soft-Start Current vs Temperature
Supply Current vs Input Voltage
EN/UVLO Pin Current
EN/UVLO Threshold Voltage
TEMPERATURE (°C)
–50
1.100
1.150
150
37911 G19
1.050
1.000
0
50
100
–25
25
75
125
1.200
1.075
1.125
1.025
1.175
RISING
FALLING
TEMPERATURE (°C)
–50
2.9
3.1
150
37911 G20
2.7
2.5
0
50
100
–25
25
75
125
3.3
2.8
3.0
2.6
3.2
RISING
FALLING
TEMPERATURE (°C)
–50
8
12
150
37911 G21
4
0
0
50
100
–25
25
75
125
16
6
10
2
14
CHARGING
DISCHARGING
VIN (V)
0
1.5
2.0
2.5
30
50
37911 G22
1.0
0.5
0
10
20
40
3.0
3.5
4.0
60
TA = 150°C
TA = 25°C
TA = –50°C
TEMPERATURE (°C)
–50
4
6
150
37911 G23
2
0
0
50
100
–25
25
75
125
8
3
5
1
7
VEN/ULO = 1V
TEMPERATURE (°C)
–50
1.10
1.12
1.16
1.18
1.20
1.30
1.24
0
50
75
37911 G24
1.14
1.26
1.28
1.22
–25
25
100 125 150
RISING
FALLING
Oscillator Frequency
vs Temperature
TG1, TG2 Minimum On-Time
vs Temperature
TG1, TG2 Minimum Off-Time
vs Temperature
TEMPERATURE (°C)
–50
400
600
150
37911 G25
200
0
0
50
100
–25
25
75
125
800
300
500
100
700
RT = 29.1k
RT = 59.0k
RT = 147k
TEMPERATURE (°C)
–50
60
80
150
37911 G26
40
20
0
50
100
–25
25
75
125
100
50
70
30
90
TG1
TG2
TEMPERATURE (°C)
–50
200
250
300
100 125
37911 G27
150
100
–25
0
25
50
75
150
50
0
350
fSW = 200kHz
fSW = 400kHz
fSW = 700kHz
Typical perForMance characTerisTics T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com