Electronic Components Datasheet Search
  English  ▼

X  

203313 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 203313
Description  MOD JACK - MJIM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

203313 Datasheet(HTML) 1 Page - ERNI Electronics

  203313 Datasheet HTML 1Page - ERNI Electronics 203313 Datasheet HTML 2Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
-
2:1
MAXMJ
MOD JACK - MJIM
-
-
8C8T, 1X2, INT. MAG., LED
203311
I
All Dimensions
in mm
www.ERNI.com
1
8
1
8
LED 2
LED 1
31.12 [1.225]
25.40
±0.13 [1.000±.005]
13.97 [.550]
10.89 [.429]
HOUSING: GLASS FILLED POLYESTER UL 94 V-0 BLACK
SHIELDING: Cu ALLOY, PLATED WITH Ni
ELECTRICAL CHARACTERISTICS
CONTACT RESISTANCE: 30 MILLIOHMS MAX
OPERATING TEMPERATURE: 0˚C TO 70˚C
TERMINAL FINISH: SnPb
CONTACT FINISH: Au, 0.8
µm (30 µin) OVER Ni
MECHANICAL CHARACTERISTICS
CONTACTS: PHOSPHOR BRONZE
DURABILITY: 1000 MATING CYCLES
MATERIALS AND FINISH
LED LENS: EPOXY
NOTE 1: ONE REAR SHIELD TAB CENTERED
NOTE 2: SIDE GROUND TAB REAR OF PEG 3.05 mm (R)
NOTE 3: PANEL GROUND FLANGES BOTH SIDES, BOTTOM AND TOP (GF5)
GREEN
GREEN
GREEN
ORANGE/GREEN
203316
203315
203313
203314
ORANGE/GREEN
L9
YELLOW
GREEN
RED
L4
L3
L2
LED 2 LINK
LED 2 LEFT
IDENT. NR.
NO.
LED 1 RECHTE
LED 1 RIGHT
CODE
LED
YELLOW
203312
GREEN
L1
RECOMMENDED PANEL CUTOUT
EMPFOHLENER FRONTPLATTEN AUSSCHNITT
LP
TOP OF PCB
32.22
±0.20 [1.269±.008]
Scale
Designation
Tolerances
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
Date
Index
Information:


Similar Part No. - 203313

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203310 ERNI-203310 Datasheet
43Kb / 2P
MOD JACK - MJIM
logo
Integrated Technology F...
203310B ITF-203310B Datasheet
198Kb / 5P
SAW Bandpass Filter
2004-04-22
logo
ERNI Electronics
203317 ERNI-203317 Datasheet
48Kb / 2P
MOD JACK - MJIM
logo
Integrated Technology F...
203317B ITF-203317B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-04-28
203319B ITF-203319B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-04-30
More results

Similar Description - 203313

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133723 ERNI-133723 Datasheet
41Kb / 1P
MOD JACK - MJIM
133883 ERNI-133883 Datasheet
47Kb / 2P
MOD JACK - MJIM
203150 ERNI-203150 Datasheet
33Kb / 1P
MOD JACK - MJIM
203153 ERNI-203153 Datasheet
42Kb / 2P
MOD JACK - MJIM
203158 ERNI-203158 Datasheet
52Kb / 2P
MOD JACK - MJIM
203184 ERNI-203184 Datasheet
46Kb / 1P
MOD JACK - MJIM
203185 ERNI-203185 Datasheet
59Kb / 2P
MOD JACK - MJIM
203189 ERNI-203189 Datasheet
40Kb / 1P
MOD JACK - MJIM
203317 ERNI-203317 Datasheet
48Kb / 2P
MOD JACK - MJIM
203506 ERNI-203506 Datasheet
43Kb / 1P
MOD JACK - MJIM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com